Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 450 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 450 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 446Page - Renesas Technology Corp H8S/2437 Datasheet HTML 447Page - Renesas Technology Corp H8S/2437 Datasheet HTML 448Page - Renesas Technology Corp H8S/2437 Datasheet HTML 449Page - Renesas Technology Corp H8S/2437 Datasheet HTML 450Page - Renesas Technology Corp H8S/2437 Datasheet HTML 451Page - Renesas Technology Corp H8S/2437 Datasheet HTML 452Page - Renesas Technology Corp H8S/2437 Datasheet HTML 453Page - Renesas Technology Corp H8S/2437 Datasheet HTML 454Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 746 page
background image
Rev. 1.00, 09/03, page 412 of 704
14.7.3
Switching of Internal Clock and TWCNT Operation
The changeover may cause TWCNT to be incremented depending on the timing at which the
internal clock is switched (bits CKS2 to CKS0 are rewritten). Table 14.3 shows the relationship
between the timing and TCNT operation.
The TWCNT clock is generated on detection of the falling edge of the internal clock. If the clock
is changed when the old source is high and the new source is low, as in case no. 3 in table 14.3, the
changeover is regarded as a falling edge that generates the TWCNT clock, and TWCNT is
incremented.
Switching between an internal clock and external clock may also cause TWCNT to be
incremented. To prevent incorrect operation, ensure that TWCNT should be stopped before an
internal clock is changed.
Table 14.3
Switching of Internal Clock and TWCNT Operation
No.
Timing of Switchover by
Means of CKS2 to CKS0
Bits
TWCNT Operation
1
Switching from
low to low*
1
Clock
before switchover
Clock
after switchover
TWCNT clock
TWCNT
Switchover of CKS bit
NN+1
2
Switching from
low to high*
2
N
N+1
N+2
Clock
before switchover
Clock
after switchover
TWCNT clock
TWCNT
Switchover of CKS bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com