Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 449 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 449 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 445Page - Renesas Technology Corp H8S/2437 Datasheet HTML 446Page - Renesas Technology Corp H8S/2437 Datasheet HTML 447Page - Renesas Technology Corp H8S/2437 Datasheet HTML 448Page - Renesas Technology Corp H8S/2437 Datasheet HTML 449Page - Renesas Technology Corp H8S/2437 Datasheet HTML 450Page - Renesas Technology Corp H8S/2437 Datasheet HTML 451Page - Renesas Technology Corp H8S/2437 Datasheet HTML 452Page - Renesas Technology Corp H8S/2437 Datasheet HTML 453Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 449 / 746 page
background image
Rev. 1.00, 09/03, page 411 of 704
14.7
Usage Notes
14.7.1
Conflict between TWCNT Write and Increment
If a TWCNT increment pulse is generated during the T
2 state of a TWCNT write cycle as shown in
figure 14.10, the write takes priority and TWCNT is not incremented.
Counter input clock
Internal write signal
TWCNT
TWCNT address
TWCNT write cycle by CPU
T
1
T
2
NM
Counter write data
Address
Figure 14.10 TWCNT Write-Increment Conflict
14.7.2
Write to START Bit during Free-Running Counter Operation
If 1 is written to the START bit in TWCR2 while the FRC bit in TWCR1 is 1 as shown in figure
14.11, duty measurement is ignored and the START bit is cleared to 0.
START bit
START bit
clear signal
TWCR2
write signal
FRC bit
Figure 14.11 Write to START Bit during Free-Running Counter Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com