Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 519 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 519 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 515Page - Renesas Technology Corp H8S/2437 Datasheet HTML 516Page - Renesas Technology Corp H8S/2437 Datasheet HTML 517Page - Renesas Technology Corp H8S/2437 Datasheet HTML 518Page - Renesas Technology Corp H8S/2437 Datasheet HTML 519Page - Renesas Technology Corp H8S/2437 Datasheet HTML 520Page - Renesas Technology Corp H8S/2437 Datasheet HTML 521Page - Renesas Technology Corp H8S/2437 Datasheet HTML 522Page - Renesas Technology Corp H8S/2437 Datasheet HTML 523Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 519 / 746 page
background image
Rev. 1.00, 09/03, page 481 of 704
Bit Bit Name
Initial Value R/W
Description
6
SCP
1
R/W
Start/Stop Condition Prohibit
Controls the issue of start/stop conditions in master mode.
To issue a start condition, write 1 to BBSY and 0 to SCP.
Also follow this procedure when retransmitting a start
condition. To issue a stop condition, write 0 to BBSY and 0
to SCP. This bit is always read as 1. Even if 1 is written to
this bit, the data is not stored.
5
SDAO
1
R
Monitors the SDA output level. When reading and the
SDAO bit is 1, the SDA pin outputs high. When reading
and the SDAO bit is 0, the SDA pin outputs low.
4
1
R/W
Reserved
The write value should always be 1.
3
SCLO
1
R
Monitors the SCL output level. When reading and the
SCLO bit is 1, the SCL pin outputs high. When reading and
the SCLO bit is 0, the SCL pin outputs low.
2
1
Reserved
This bit is always read as 1.
1
IICRST
0
R/W
IIC Control Part Reset
Resets control parts except for I
2C registers. If this bit is set
to 1 when a hang-up occurred because of communication
failure during I
2C operation, I2C control parts can be reset
without setting ports and initializing registers.
0
1
Reserved
This bit is always read as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com