Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 520 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 520 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 516Page - Renesas Technology Corp H8S/2437 Datasheet HTML 517Page - Renesas Technology Corp H8S/2437 Datasheet HTML 518Page - Renesas Technology Corp H8S/2437 Datasheet HTML 519Page - Renesas Technology Corp H8S/2437 Datasheet HTML 520Page - Renesas Technology Corp H8S/2437 Datasheet HTML 521Page - Renesas Technology Corp H8S/2437 Datasheet HTML 522Page - Renesas Technology Corp H8S/2437 Datasheet HTML 523Page - Renesas Technology Corp H8S/2437 Datasheet HTML 524Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 520 / 746 page
background image
Rev. 1.00, 09/03, page 482 of 704
17.3.3
I
2C Bus Mode Register (ICMR)
ICMR controls a wait in master mode and selects the transfer bit count.
Bit Bit Name
Initial Value R/W
Description
7
0
R/W
Reserved
The write value should always be 0.
6
WAIT
0
R/W
Wait Insertion Bit
Selects whether to insert a wait after data transfer except
for the acknowledge bit in master mode. When the WAIT
bit is set to 1, after the fall of the clock for the last data bit,
low period is extended for two transfer clocks. If the WAIT
bit is cleared to 0, data and acknowledge bits are
transferred consecutively with no wait inserted.
The setting of this bit is invalid in slave mode.
5
4
1
1
Reserved
These bits are always read as 1.
3
BCWP
1
R/W
BC Write Protect
Controls the BC2 to BC0 modifications. When modifying
the BC2 to BC0 bits, this bit should be cleared to 0 and use
the MOV instruction.
0: When writing, values of BC2 to BC0 are set.
1: When reading, 1 is always read.
When writing, settings of BC2 to BC0 are invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com