Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 518 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 518 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 514Page - Renesas Technology Corp H8S/2437 Datasheet HTML 515Page - Renesas Technology Corp H8S/2437 Datasheet HTML 516Page - Renesas Technology Corp H8S/2437 Datasheet HTML 517Page - Renesas Technology Corp H8S/2437 Datasheet HTML 518Page - Renesas Technology Corp H8S/2437 Datasheet HTML 519Page - Renesas Technology Corp H8S/2437 Datasheet HTML 520Page - Renesas Technology Corp H8S/2437 Datasheet HTML 521Page - Renesas Technology Corp H8S/2437 Datasheet HTML 522Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 518 / 746 page
background image
Rev. 1.00, 09/03, page 480 of 704
Table 17.2
Transfer Rate
Bit 3
Bit 2
Bit 1
Bit 0
Transfer Rate
CKS3 CKS2 CKS1 CKS0
Clock
φφφφ = 8 MHz
φφφφ = 10 MHz
φφφφ = 20 MHz
0
φ/28
286 kHz
357 kHz
714 kHz
0
1
φ/40
200 kHz
250 kHz
500 kHz
0
φ/48
167 kHz
208 kHz
417 kHz
0
1
1
φ/64
125 kHz
156 kHz
313 kHz
0
φ/168
47.6 kHz
59.5 kHz
119 kHz
0
1
φ/100
80.0 kHz
100 kHz
200 kHz
0
φ/112
71.4 kHz
89.3 kHz
179 kHz
0
1
1
1
φ/128
62.5 kHz
78.1 kHz
156 kHz
0
φ/56
143 kHz
179 kHz
357 kHz
0
1
φ/80
100 kHz
125 kHz
250 kHz
0
φ/96
83.3 kHz
104 kHz
208 kHz
0
1
1
φ/128
62.5 kHz
78.1 kHz
156 kHz
0
φ/336
23.8 kHz
29.8 kHz
59.5 kHz
0
1
φ/200
40.0 kHz
50.0 kHz
100 kHz
0
φ/224
35.7 kHz
44.6 kHz
89.3 kHz
1
1
1
1
φ/256
31.3 kHz
39.1 kHz
78.1 kHz
17.3.2
I
2C Bus Control Register B (ICCRB)
ICCRB issues start/stop conditions, manipulates the SDA pin, monitors the SCL pin, and controls
a reset in IIC control.
Bit Bit Name
Initial Value R/W
Description
7
BBSY
0
R/W
Bus Busy
There are two functions: a flag function which indicates
whether the I
2C bus is occupied or released and a function
which issues start and stop conditions in master mode.
This bit is set to 1 when the SDA level changes from high
to low under the condition of SCL = high, assuming that the
start condition has been issued. This bit is cleared to 0
when the SDA level changes from low to high under the
condition of SCL = high, assuming that the stop condition
has been issued. Write 1 to BBSY and 0 to SCP to issue a
start condition. Also follow this procedure when re-
transmitting a start condition. Write 0 to BBSY and 0 to
SCP to issue a stop condition. To issue a start/stop
condition, use the MOV instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com