Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC8377ECVRAFDA Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

No. de pieza MPC8377ECVRAFDA
Descripción Electrónicos  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRAFDA Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRAFDA Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8377ECVRAFDA Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 124 page
background image
MPC8377E PowerQUICCII Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
95
Package and Pin Listings
TSEC1_RXD3
AD21
I
LVDD1
TSEC1_TX_CLK
AJ22
I
LVDD1
TSEC1_TX_EN
AG23
O
LVDD1
TSEC1_TX_ER/CFG_LBMUX
AH22
I/O
LVDD1
TSEC1_TXD0/
CFG_RESET_SOURCE[0]
AD23
I/O
LVDD1
TSEC1_TXD1/
CFG_RESET_SOURCE[1]
AE23
I/O
LVDD1
TSEC1_TXD2/
CFG_RESET_SOURCE[2]
AF23
I/O
LVDD1
TSEC1_TXD3/
CFG_RESET_SOURCE[3]
AJ24
I/O
LVDD1
EC_GTX_CLK125
AH24
I
LVDD1
EC_MDC/CFG_CLKIN_DIV
AJ21
I/O
LVDD1
EC_MDIO
AH21
I/O
LVDD1
eTSEC2/GPIO1 Interface
TSEC2_COL/GPIO1[21]/
TSEC1_TMR_TRIG1
AJ27
I/O
LVDD2
TSEC2_CRS/GPIO1[22]/
TSEC1_TMR_TRIG2
AG29
I/O
LVDD2
TSEC2_GTX_CLK
AF28
O
LVDD2
TSEC2_RX_CLK/
TSEC1_TMR_CLK
AF25
I
LVDD2
TSEC2_RX_DV/GPIO1[23]
AF26
I/O
LVDD2
TSEC2_RX_ER/GPIO1[25]
AG25
I/O
LVDD2
TSEC2_RXD0/GPIO1[16]
AE28
I/O
LVDD2
TSEC2_RXD1/GPIO1[15]
AE29
I/O
LVDD2
TSEC2_RXD2/GPIO1[14]
AH26
I/O
LVDD2
TSEC2_RXD3/GPIO1[13]
AH25
I/O
LVDD2
TSEC2_TX_CLK/GPIO2[24]/
TSEC1_TMR_GCLK
AG28
I/O
LVDD2
TSEC2_TX_EN/GPIO1[12]/
TSEC1_TMR_ALARM2
AJ26
I/O
LVDD2
TSEC2_TX_ER/GPIO1[24]/
TSEC1_TMR_ALARM1
AG26
I/O
LVDD2
TSEC2_TXD0/GPIO1[20]
AH28
I/O
LVDD2
Table 71. TePBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com