| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM1707ZKB4 Datasheet(PDF) 104 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM1707ZKB4 Datasheet(HTML) 104 Page - Texas Instruments |
|
104 / 155 page ![]() AM1705 SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010 www.ti.com Table 6-60. Additional(1) SPI1 Master Timings, 4-Pin Chip Select Option(2) (3) No. PARAMETER MIN MAX UNIT Polarity = 0, Phase = 0, 2P -5 to SPI1_CLK rising Polarity = 0, Phase = 1, 0.5tc(SPC)M + 2P -5 to SPI1_CLK rising Delay from SPI1_SCS active to first 19 td(SCS_SPC)M ns SPI1_CLK(4) (5) Polarity = 1, Phase = 0, 2P -5 to SPI1_CLK falling Polarity = 1, Phase = 1, 0.5tc(SPC)M + 2P -5 to SPI1_CLK falling Polarity = 0, Phase = 0, 0.5tc(SPC)M + P - 3 from SPI1_CLK falling Polarity = 0, Phase = 1, P - 3 from SPI1_CLK Delay from final SPI1_CLK edge to master 20 td(SPC_SCS)M ns falling deasserting SPI1_SCS (6) (7) Polarity = 1, Phase = 0, 0.5tc(SPC)M + P -3 from SPI1_CLK rising Polarity = 1, Phase = 1, P - 3 from SPI1_CLK rising (1) These parameters are in addition to the general timings for SPI master modes ( Table 6-57 ). (2) P = SYSCLK2 period (3) Figure shows only Polarity = 0, Phase = 0 as an example. Table gives parameters for all four master clocking modes. (4) In the case where the master SPI is ready with new data before SPI1_SCS assertion. (5) This delay can be increased under software control by the register bit field SPIDELAY.C2TDELAY[4:0]. (6) Except for modes when SPIDAT1.CSHOLD is enabled and there is additional data to transmit. In this case, SPI1_SCS will remain asserted. (7) This delay can be increased under software control by the register bit field SPIDELAY.T2CDELAY[4:0]. Table 6-61. Additional(1) SPI1 Master Timings, 5-Pin Option(2) (3) No. PARAMETER MIN MAX UNIT Polarity = 0, Phase = 0, 0.5tc(SPC)M+P+5 from SPI1_CLK falling Max delay for slave to deassert SPI1_ENA Polarity = 0, Phase = 1, P+5 after final SPI1_CLK from SPI1_CLK falling 18 td(SPC_ENA)M edge to ensure ns Polarity = 1, Phase = 0, master does not 0.5tc(SPC)M+P+5 from SPI1_CLK rising begin the next transfer.(4) Polarity = 1, Phase = 1, P+5 from SPI1_CLK rising Polarity = 0, Phase = 0, 0.5tc(SPC)M + P -3 from SPI1_CLK falling Polarity = 0, Phase = 1, Delay from final P - 3 from SPI1_CLK falling SPI1_CLK edge to 20 td(SPC_SCS)M ns master deasserting Polarity = 1, Phase = 0, 0.5tc(SPC)M+ P -3 SPI1_SCS (5) (6) from SPI1_CLK rising Polarity = 1, Phase = 1, P - 3 from SPI1_CLK rising (1) These parameters are in addition to the general timings for SPI master modes ( Table 6-58 ). (2) P = SYSCLK2 period (3) Figure shows only Polarity = 0, Phase = 0 as an example. Table gives parameters for all four master clocking modes. (4) In the case where the master SPI is ready with new data before SPI1_ENA deassertion. (5) Except for modes when SPIDAT1.CSHOLD is enabled and there is additional data to transmit. In this case, SPI1_SCS will remain asserted. (6) This delay can be increased under software control by the register bit field SPIDELAY.T2CDELAY[4:0]. 104 Peripheral Information and Electrical Specifications Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM1705 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |