| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM1707ZKB4 Datasheet(PDF) 106 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM1707ZKB4 Datasheet(HTML) 106 Page - Texas Instruments |
|
106 / 155 page ![]() AM1705 SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010 www.ti.com Table 6-63. Additional (1) SPI1 Slave Timings, 4-Pin Chip Select Option (2) (3) (continued) No. PARAMETER MIN MAX UNIT Delay from master deasserting SPI1_SCS to slave 28 tdis(SCSH_SOMI)S P + 19 ns 3-stating SPI1_SOMI Table 6-64. Additional(1) SPI1 Slave Timings, 5-Pin Option(2) (3) No. PARAMETER MIN MAX UNIT Required delay from SPI1_SCS asserted at slave to 25 td(SCSL_SPC)S P ns first SPI1_CLK edge at slave. Polarity = 0, Phase = 0, 0.5tc(SPC)M + P + 5 from SPI1_CLK falling Polarity = 0, Phase = 1, P + 5 Required delay from final from SPI1_CLK falling 26 td(SPC_SCSH)S SPI1_CLK edge before ns Polarity = 1, Phase = 0, SPI1_SCS is deasserted. 0.5tc(SPC)M + P + 5 from SPI1_CLK rising Polarity = 1, Phase = 1, P + 5 from SPI1_CLK rising Delay from master asserting SPI1_SCS to slave 27 tena(SCSL_SOMI)S P + 19 ns driving SPI1_SOMI valid Delay from master deasserting SPI1_SCS to slave 28 tdis(SCSH_SOMI)S P + 19 ns 3-stating SPI1_SOMI Delay from master deasserting SPI1_SCS to slave 29 tena(SCSL_ENA)S 19 ns driving SPI1_ENA valid Polarity = 0, Phase = 0, 2.5 P + 19 from SPI1_CLK falling Polarity = 0, Phase = 1, Delay from final clock 2.5 P + 19 from SPI1_CLK rising receive edge on SPI1_CLK 30 tdis(SPC_ENA)S ns to slave 3-stating or driving Polarity = 1, Phase = 0, 2.5 P + 19 high SPI1_ENA.(4) from SPI1_CLK rising Polarity = 1, Phase = 1, 2.5 P + 19 from SPI1_CLK falling (1) These parameters are in addition to the general timings for SPI slave modes ( Table 6-58 ). (2) P = SYSCLK2 period (3) Figure shows only Polarity = 0, Phase = 0 as an example. Table gives parameters for all four slave clocking modes. (4) SPI1_ENA is driven low after the transmission completes if the SPIINT0.ENABLE_HIGHZ bit is programmed to 0. Otherwise it is 3-stated. If 3-stated, an external pullup resistor should be used to provide a valid level to the master. This option is useful when tying several SPI slave devices to a single master. 106 Peripheral Information and Electrical Specifications Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM1705 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |