Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AM1707ZKB4 Datasheet(PDF) 146 Page - Texas Instruments

No. de pieza AM1707ZKB4
Descripción Electrónicos  AM1705 ARM Microprocessor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AM1707ZKB4 Datasheet(HTML) 146 Page - Texas Instruments

Back Button AM1707ZKB4 Datasheet HTML 142Page - Texas Instruments AM1707ZKB4 Datasheet HTML 143Page - Texas Instruments AM1707ZKB4 Datasheet HTML 144Page - Texas Instruments AM1707ZKB4 Datasheet HTML 145Page - Texas Instruments AM1707ZKB4 Datasheet HTML 146Page - Texas Instruments AM1707ZKB4 Datasheet HTML 147Page - Texas Instruments AM1707ZKB4 Datasheet HTML 148Page - Texas Instruments AM1707ZKB4 Datasheet HTML 149Page - Texas Instruments AM1707ZKB4 Datasheet HTML 150Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 155 page
background image
TDO
Router
TDI
Steps
CLK
TMS
Router
ARM926EJ-S/ETM
AM1705
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
Figure 6-47. Adding ARM926EJ-S to the scan chain
Pre-amble: The device whose data reaches the emulator first is listed first in the board configuration file.
This device is a pre-amble for all the other devices. This device has the lowest device ID.
Post-amble: The device whose data reaches the emulator last is listed last in the board configuration file.
This device is a post-amble for all the other devices. This device has the highest device ID.
•
Function : Update the JTAG preamble and post-amble counts.
–
Parameter : The IR pre-amble count is '0'.
–
Parameter : The IR post-amble count is '0'.
–
Parameter : The DR pre-amble count is '0'.
–
Parameter : The DR post-amble count is '0'.
–
Parameter : The IR main count is '6'.
–
Parameter : The DR main count is '1'.
•
Function : Do a send-only JTAG IR/DR scan.
–
Parameter : The route to JTAG shift state is 'shortest transition'.
–
Parameter : The JTAG shift state is 'shift-ir'.
–
Parameter : The JTAG destination state is 'pause-ir'.
–
Parameter : The bit length of the command is '6'.
–
Parameter : The send data value is '0x00000007'.
–
Parameter : The actual receive data is 'discarded'.
•
Function : Do a send-only JTAG IR/DR scan.
–
Parameter : The route to JTAG shift state is 'shortest transition'.
–
Parameter : The JTAG shift state is 'shift-dr'.
–
Parameter : The JTAG destination state is 'pause-dr'.
–
Parameter : The bit length of the command is '8'.
–
Parameter : The send data value is '0x00000089'.
–
Parameter : The actual receive data is 'discarded'.
•
Function : Do a send-only JTAG IR/DR scan.
–
Parameter : The route to JTAG shift state is 'shortest transition'.
–
Parameter : The JTAG shift state is 'shift-ir'.
–
Parameter : The JTAG destination state is 'pause-ir'.
–
Parameter : The bit length of the command is '6'.
–
Parameter : The send data value is '0x00000002'.
–
Parameter : The actual receive data is 'discarded'.
•
Function : Embed the port address in next command.
–
Parameter : The port address field is '0x0f000000'.
–
Parameter : The port address value is '3'.
146
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com