Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AM1707ZKB4 Datasheet(PDF) 150 Page - Texas Instruments

No. de pieza AM1707ZKB4
Descripción Electrónicos  AM1705 ARM Microprocessor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AM1707ZKB4 Datasheet(HTML) 150 Page - Texas Instruments

Back Button AM1707ZKB4 Datasheet HTML 146Page - Texas Instruments AM1707ZKB4 Datasheet HTML 147Page - Texas Instruments AM1707ZKB4 Datasheet HTML 148Page - Texas Instruments AM1707ZKB4 Datasheet HTML 149Page - Texas Instruments AM1707ZKB4 Datasheet HTML 150Page - Texas Instruments AM1707ZKB4 Datasheet HTML 151Page - Texas Instruments AM1707ZKB4 Datasheet HTML 152Page - Texas Instruments AM1707ZKB4 Datasheet HTML 153Page - Texas Instruments AM1707ZKB4 Datasheet HTML 154Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 155 page
background image
TCK
TDO
1
7
2
3
RTCK
4
5
6
9
8
TDI/TMS/TRST
AM1705
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
Table 6-100. JTAG ID Register Selection Bit Descriptions
BIT
NAME
DESCRIPTION
31:28
VARIANT
Variant (4-Bit) value
27:12
PART NUMBER
Part Number (16-Bit) value
11-1
MANUFACTURER
Manufacturer (11-Bit) value
0
LSB
LSB. This bit is read as a "1".
6.29.2
JTAG Test-Port Electrical Data/Timing
Table 6-101. Timing Requirements for JTAG Test Port (see Figure 6-50)
No.
PARAMETER
MIN
MAX
UNIT
1
tc(TCK)
Cycle time, TCK
40
ns
2
tw(TCKH)
Pulse duration, TCK high
16
ns
3
tw(TCKL)
Pulse duration, TCK low
16
ns
4
tc(RTCK)
Cycle time, RTCK
40
ns
5
tw(RTCKH)
Pulse duration, RTCK high
16
ns
6
tw(RTCKL)
Pulse duration, RTCK low
16
ns
7
tsu(TDIV-RTCKH)
Setup time, TDI/TMS/TRST valid before RTCK high
4
ns
8
th(RTCKH-TDIV)
Hold time, TDI/TMS/TRST valid after RTCK high
4
ns
Table 6-102. Switching Characteristics Over Recommended Operating Conditions for JTAG Test Port
(see Figure 6-50)
No.
PARAMETER
MIN
MAX
UNIT
9
td(RTCKL-TDOV)
Delay time, RTCK low to TDO valid
15
ns
Figure 6-50. JTAG Test-Port Timing
150
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com