Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC515849 Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

No. de pieza SC515849
Descripción Electrónicos  Device User Guide
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC515849 Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button SC515849 Datasheet HTML 115Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 116Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 117Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 118Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 119Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 120Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 121Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 122Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 140 page
background image
Device User Guide — 9S12DT128DGV2/D V02.17
121
Freescale Semiconductor
Clock Monitor Failure is asserted if the frequency of the incoming clock signal is below the Assert
Frequency fCMFA.
A.5.3 Phase Locked Loop
The oscillator provides the reference clock for the PLL. The PLL´s Voltage Controlled Oscillator (VCO)
is also the system clock source in self clock mode.
A.5.3.1 XFC Component Selection
This section describes the selection of the XFC components to achieve a good filter characteristics.
Table A-15 Oscillator Characteristics
Conditions are shown in (Table A-4) unless otherwise noted
Num C
Rating
Symbol
Min
Typ
Max
Unit
1a
C Crystal oscillator range (Colpitts)
fOSC
0.5
16
MHz
1b
C Crystal oscillator range (Pierce) 1
NOTES:
1. Depending on the crystal a damping series resistor might be necessary
fOSC
0.5
40
MHz
2
P Startup Current
iOSC
100
µA
3
C Oscillator start-up time (Colpitts)
tUPOSC
82
2. fosc = 4MHz, C = 22pF.
1003
3. Maximum value is for extreme cases using high Q, low frequency crystals
ms
4
D Clock Quality check time-out
tCQOUT
0.45
2.5
s
5
P Clock Monitor Failure Assert Frequency
fCMFA
50
100
200
KHz
6P External square wave input frequency 4
4. XCLKS =0 during reset
fEXT
0.5
50
MHz
7
D External square wave pulse width low
tEXTL
9.5
ns
8
D External square wave pulse width high
tEXTH
9.5
ns
9
D External square wave rise time
tEXTR
1ns
10
D External square wave fall time
tEXTF
1ns
11
D Input Capacitance (EXTAL, XTAL pins)
CIN
7pF
12
C
DC Operating Bias in Colpitts Configuration on
EXTAL Pin
VDCBIAS
1.1
V
13
P EXTAL Pin Input High Voltage4
VIH,EXTAL
0.75*VDDPLL
V
T EXTAL Pin Input High Voltage4
VIH,EXTAL
VDDPLL + 0.3
V
14
P EXTAL Pin Input Low Voltage4
VIL,EXTAL
0.25*VDDPLL
V
T EXTAL Pin Input Low Voltage4
VIL,EXTAL
VSSPLL - 0.3
V
15
C EXTAL Pin Input Hysteresis4
VHYS,EXTAL
250
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com