Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC515849 Datasheet(PDF) 120 Page - Freescale Semiconductor, Inc

No. de pieza SC515849
Descripción Electrónicos  Device User Guide
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC515849 Datasheet(HTML) 120 Page - Freescale Semiconductor, Inc

Back Button SC515849 Datasheet HTML 116Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 117Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 118Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 119Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 120Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 121Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 122Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 123Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 124Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 140 page
background image
Device User Guide — 9S12DT128DGV2/D V02.17
122
Freescale Semiconductor
Figure A-3 Basic PLL functional diagram
The following procedure can be used to calculate the resistance and capacitance values using typical
values for K1, f1 and ich from (Table A-16).
The grey boxes show the calculation for fVCO = 50MHz and fref = 1MHz. E.g., these frequencies are used
for fOSC = 4MHz and a 25MHz bus clock.
The VCO Gain at the desired VCO frequency is approximated by:
The phase detector relationship is given by:
ich is the current in tracking mode.
The loop bandwidth fC should be chosen to fulfill the Gardner’s stability criteria by at least a factor of 10,
typical values are 50.
ζ = 0.9 ensures a good transient response.
fosc
1
refdv+1
fref
Phase
Detector
VCO
KV
1
synr+1
fvco
Loop Divider
KΦ
1
2
∆
fcmp
Cs
R
Cp
VDDPLL
XFC Pin
K
V
K
1 e
f
1
f
vco
–
()
K
1
1V
⋅
-----------------------
⋅
=
100
–
e
60
50
–
()
100
–
------------------------
⋅
=
= -90.48MHz/V
KΦ
i
ch
–
K
V
⋅
=
= 316.7Hz/
Ω
f
C
2
ζ f
ref
⋅⋅
πζ
1
ζ
2
+
+


⋅
------------------------------------------
1
10
------
f
C
f
ref
410
⋅
--------------
ζ 0.9
=
()
;
<
→
<
fC < 25kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com