Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC515849 Datasheet(PDF) 121 Page - Freescale Semiconductor, Inc

No. de pieza SC515849
Descripción Electrónicos  Device User Guide
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC515849 Datasheet(HTML) 121 Page - Freescale Semiconductor, Inc

Back Button SC515849 Datasheet HTML 117Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 118Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 119Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 120Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 121Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 122Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 123Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 124Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 140 page
background image
Device User Guide — 9S12DT128DGV2/D V02.17
123
Freescale Semiconductor
And finally the frequency relationship is defined as
With the above values the resistance can be calculated. The example is shown for a loop bandwidth
fC=10KHz:
The capacitance Cs can now be calculated as:
The capacitance Cp should be chosen in the range of:
A.5.3.2 Jitter Information
The basic functionality of the PLL is shown in Figure A-3. With each transition of the clock fcmp, the
deviation from the reference clock fref is measured and input voltage to the VCO is adjusted
accordingly.The adjustment is done continuously with no abrupt changes in the clock output frequency.
Noise, voltage, temperature and other factors cause slight variations in the control loop resulting in a clock
jitter. This jitter affects the real minimum and maximum clock periods as illustrated in Figure A-4.
n
f
VCO
f
ref
-------------
2
synr
1
+
()
⋅
==
= 50
R
2
π nf
C
⋅⋅ ⋅
KΦ
-----------------------------
=
=2*
π*50*10kHz/(316.7Hz/Ω)=9.9kΩ =~ 10kΩ
C
s
2
ζ
2
⋅
π f
C R
⋅⋅
----------------------
0.516
f
C R
⋅
---------------
ζ 0.9
=
()
;
≈
=
= 5.19nF =~ 4.7nF
C
s 20
⁄
C
p
C
s 10
⁄
≤≤
Cp = 470pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com