Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ATSAM3N2BA-MU Datasheet(PDF) 7 Page - ATMEL Corporation

No. de pieza ATSAM3N2BA-MU
Descripción Electrónicos  ARM-based Flash MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3N2BA-MU Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATSAM3N2BA-MU Datasheet HTML 3Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 4Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 5Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 6Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 7Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 8Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 9Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 10Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
7
11011BS–ATARM–22-Feb-12
SAM3N Summary
3.
Signal Description
Table 3-1 gives details on the signal name classified by peripheral.
Table 3-1.
Signal Description List
Signal Name
Function
Type
Active
Level
Voltage
Reference
Comments
Power Supplies
VDDIO
Peripherals I/O Lines Power Supply
Power
1.62V to 3.6V
VDDIN
Voltage Regulator, ADC and DAC Power
Supply
Power
1.8V to 3.6V(3)
VDDOUT
Voltage Regulator Output
Power
1.8V Output
VDDPLL
Oscillator and PLL Power Supply
Power
1.65 V to 1.95V
VDDCORE
Power the core, the embedded memories
and the peripherals
Power
1.65V to 1.95V
Connected externally
to VDDOUT
GND
Ground
Ground
Clocks, Oscillators and PLLs
XIN
Main Oscillator Input
Input
VDDIO
Reset State:
- PIO Input
- Internal Pull-up
disabled
- Schmitt Trigger
enabled(1)
XOUT
Main Oscillator Output
Output
XIN32
Slow Clock Oscillator Input
Input
XOUT32
Slow Clock Oscillator Output
Output
PCK0 - PCK2
Programmable Clock Output
Output
Reset State:
- PIO Input
- Internal Pull-up
enabled
- Schmitt Trigger
enabled(1)
ICE and JTAG
TCK/SWCLK
Test Clock/Serial Wire Clock
Input
VDDIO
Reset State:
- SWJ-DP Mode
- Internal pull-up
disabled
- Schmitt Trigger
enabled(1)
TDI
Test Data In
Input
TDO/TRACESWO
Test Data Out/Trace Asynchronous Data
Out
Output
TMS/SWDIO
Test Mode Select /Serial Wire
Input/Output
Input / I/O
JTAGSEL
JTAG Selection
Input
High
Permanent Internal
pull-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com