Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ATSAM3N2BA-MU Datasheet(PDF) 9 Page - ATMEL Corporation

No. de pieza ATSAM3N2BA-MU
Descripción Electrónicos  ARM-based Flash MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3N2BA-MU Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATSAM3N2BA-MU Datasheet HTML 5Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 6Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 7Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 8Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 9Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 10Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 11Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 12Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
9
11011BS–ATARM–22-Feb-12
SAM3N Summary
Notes:
1. Schmitt Triggers can be disabled through PIO registers.
2. Some PIO lines are shared with System IOs.
3. See Section 5.3 “Typical Powering Schematics” for restriction on voltage range of Analog Cells.
Serial Peripheral Interface - SPI
MISO
Master In Slave Out
I/O
MOSI
Master Out Slave In
I/O
SPCK
SPI Serial Clock
I/O
SPI_NPCS0
SPI Peripheral Chip Select 0
I/O
Low
SPI_NPCS1 -
SPI_NPCS3
SPI Peripheral Chip Select
Output
Low
Two-Wire Interface- TWIx
TWDx
TWIx Two-wire Serial Data
I/O
TWCKx
TWIx Two-wire Serial Clock
I/O
Analog
ADVREF
ADC and DAC Reference
Analog
10-bit Analog-to-Digital Converter - ADC
AD0 - AD15
Analog Inputs
Analog
ADTRG
ADC Trigger
Input
VDDIO
Digital-to-Analog Converter Controller- DACC
DAC0
DACC channel analog output
Analog
DATRG
DACC Trigger
Input
VDDIO
Fast Flash Programming Interface
PGMEN0-PGMEN2
Programming Enabling
Input
VDDIO
PGMM0-PGMM3
Programming Mode
Input
PGMD0-PGMD15
Programming Data
I/O
PGMRDY
Programming Ready
Output
High
PGMNVALID
Data Direction
Output
Low
PGMNOE
Programming Read
Input
Low
PGMCK
Programming Clock
Input
PGMNCMD
Programming Command
Input
Low
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Voltage
Reference
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com