Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ATSAM3N2BA-MU Datasheet(PDF) 5 Page - ATMEL Corporation

No. de pieza ATSAM3N2BA-MU
Descripción Electrónicos  ARM-based Flash MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3N2BA-MU Datasheet(HTML) 5 Page - ATMEL Corporation

  ATSAM3N2BA-MU Datasheet HTML 1Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 2Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 3Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 4Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 5Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 6Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 7Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 8Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
5
11011BS–ATARM–22-Feb-12
SAM3N Summary
Figure 2-2.
SAM3N 64-pin version Block Diagram
TC[3..5]
AD[0..9]
3- layer AHB Bus Matrix Fmax 48 MHz
TST
PCK0-PCK2
System Controller
XIN
NRST
PMC
XOUT
OSC 32k
XIN32
XOUT32
SUPC
RSTC
OSC
3-20 MHz
PIOA
PIOB
POR
RTC
RTT
RC 32k
RC OSC
12/8/4 MHz
ERASE
I/D
S
TC[0..2]
TCLK[0:2]
TWCK0
TWD0
TWCK1
TWD1
NPCS0
NPCS1
NPCS2
NPCS3
MISO
MOS
SPCK
TIOA[0:2]
TIOB[0:2]
PDC
PDC
PDC
PDC
PDC
PWM
In-Circuit Emulator
PDC
JTAG & Serial Wire
PWM[0:3]
ADTRG
ADVREF
DAC0
DATRG
10-bit ADC
10-bit DAC
SM
VDDIO
PLL
RXD0
TXD0
SCK0
RTS0
CTS0
RXD1
TXD1
SCK1
RTS1
CTS1
USART0
UART1
UART0
USART1
Cortex-M3 Processor
Fmax 48 MHz
24-bit
SysTick Counter
ROM
16 KBytes
SRAM
24 KBytes
16 KBytes
8 KBytes
FLASH
256 KBytes
128 KBytes
64 KBytes
VDDCORE
WDT
Peripheral
Bridge
URXD0
UTXD0
URXD1
UTXD1
Timer Counter A
Timer Counter B
SPI
TWI0
TWI1
N
V
I
C
Voltage
Regulator
3-layer AHB Bus Matrix Fmax 48 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com