Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ATSAM3N2BA-MU Datasheet(PDF) 2 Page - ATMEL Corporation

No. de pieza ATSAM3N2BA-MU
Descripción Electrónicos  ARM-based Flash MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3N2BA-MU Datasheet(HTML) 2 Page - ATMEL Corporation

  ATSAM3N2BA-MU Datasheet HTML 1Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 2Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 3Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 4Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 5Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 6Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 7Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 8Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
2
11011BS–ATARM–22-Feb-12
SAM3N Summary
1.
SAM3N Description
Atmel's SAM3N series is a member of a family of Flash microcontrollers based on the high per-
formance 32-bit ARM Cortex-M3 RISC processor. It operates at a maximum speed of 48 MHz
and features up to 256 Kbytes of Flash and up to 24 Kbytes of SRAM. The peripheral set
includes 2x USARTs, 2x UARTs, 2x TWIs, 3x SPI, as well as 1 PWM timer, 6x general purpose
16-bit timers, an RTC, a 10-bit ADC and a 10-bit DAC.
The SAM3N series is ready for capacitive touch thanks to the QTouch library, offering an easy
way to implement buttons, wheels and sliders.
The SAM3N device is an entry-level general purpose microcontroller. That makes the SAM3N
the ideal starting point to move from 8- /16-bit to 32-bit microcontrollers.
It operates from 1.62V to 3.6V and is available in 48-pin, 64-pin and 100-pin QFP, 48-pin and
64-pin QFN, and 100-pin BGA packages.
The SAM3N series is the ideal migration path from the SAM3S for applications that require a
reduced BOM cost. The SAM3N series is pin-to-pin compatible with the SAM3S series. Its
aggressive price point and high level of integration pushes its scope of use far into cost-sensi-
tive, high-volume applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com