Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ATSAM3N2BA-MU Datasheet(PDF) 27 Page - ATMEL Corporation

No. de pieza ATSAM3N2BA-MU
Descripción Electrónicos  ARM-based Flash MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3N2BA-MU Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATSAM3N2BA-MU Datasheet HTML 23Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 24Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 25Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 26Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 27Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 28Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 29Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 30Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
27
11011BS–ATARM–22-Feb-12
SAM3N Summary
7.
Processor and Architecture
7.1
ARM Cortex-M3 Processor
• Version 2.0
• Thumb-2 (ISA) subset consisting of all base Thumb-2 instructions, 16-bit and 32-bit.
• Harvard processor architecture enabling simultaneous instruction fetch with data load/store.
• Three-stage pipeline.
• Single cycle 32-bit multiply.
• Hardware divide.
• Thumb and Debug states.
• Handler and Thread modes.
• Low latency ISR entry and exit.
7.2
APB/AHB Bridge
The SAM3N4/2/1/0/00 product embeds one peripheral bridge:
The peripherals of the bridge are clocked by MCK.
7.3
Matrix Masters
The Bus Matrix of the SAM3N product manages 3 masters, which means that each master can
perform an access concurrently with others, to an available slave.
Each master has its own decoder, which is defined specifically for each master. In order to sim-
plify the addressing, all the masters have the same decodings.
7.4
Matrix Slaves
The Bus Matrix of the SAM3N product manages 4 slaves. Each slave has its own arbiter, allow-
ing a different arbitration per slave.
Table 7-1.
List of Bus Matrix Masters
Master 0
Cortex-M3 Instruction/Data
Master 1
Cortex-M3 System
Master 2
Peripheral DMA Controller (PDC)
Table 7-2.
List of Bus Matrix Slaves
Slave 0
Internal SRAM
Slave 1
Internal ROM
Slave 2
Internal Flash
Slave 3
Peripheral Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com