Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ATSAM3N2BA-MU Datasheet(PDF) 57 Page - ATMEL Corporation

No. de pieza ATSAM3N2BA-MU
Descripción Electrónicos  ARM-based Flash MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3N2BA-MU Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button ATSAM3N2BA-MU Datasheet HTML 52Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 53Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 54Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 55Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 56Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 57Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 58Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 59Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 60Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
57
11011BS–ATARM–22-Feb-12
SAM3N Summary
14. Ordering Information
Table 14-1.
Ordering Code
MRL
Flash
(Kbytes)
Package
Package Type
Temperature
Operating Range
ATSAM3N4CA-AU
A
256
LQFP100
Green
Industrial
-40°C to 85°C
ATSAM3N4CA-CU
A
256
TFBGA100
Green
Industrial
-40°C to 85°C
ATSAM3N4BA-AU
A
256
LQFP64
Green
Industrial
-40°C to 85°C
ATSAM3N4BA-MU
A
256
QFN64
Green
Industrial
-40°C to 85°C
ATSAM3N4AA-AU
A
256
LQFP48
Green
Industrial
-40°C to 85°C
ATSAM3N4AA-MU
A
256
QFN48
Green
Industrial
-40°C to 85°C
ATSAM3N2CA-AU
A
128
LQFP100
Green
Industrial
-40°C to 85°C
ATSAM3N2CA-CU
A
128
TFBGA100
Green
Industrial
-40°C to 85°C
ATSAM3N2BA-AU
A
128
LQFP64
Green
Industrial
-40°C to 85°C
ATSAM3N2BA-MU
A
128
QFN64
Green
Industrial
-40°C to 85°C
ATSAM3N2AA-AU
A
128
LQFP48
Green
Industrial
-40°C to 85°C
ATSAM3N2AA-MU
A
128
QFN48
Green
Industrial
-40°C to 85°C
ATSAM3N1CA-AU
A
64
LQFP100
Green
Industrial
-40°C to 85°C
ATSAM3N1CB-AU
B
64
LQFP100
Green
Industrial
-40°C to 85°C
ATSAM3N1CA-CU
A
64
TFBGA100
Green
Industrial
-40°C to 85°C
ATSAM3N1CB-CU
B
64
TFBGA100
Green
Industrial
-40°C to 85°C
ATSAM3N1BA-AU
A
64
LQFP64
Green
Industrial
-40°C to 85°C
ATSAM3N1BB-AU
B
64
LQFP64
Green
Industrial
-40°C to 85°C
ATSAM3N1BA-MU
A
64
QFN 64
Green
Industrial
-40°C to 85°C
ATSAM3N1BB-MU
B
64
QFN 64
Green
Industrial
-40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com