Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ATSAM3N2BA-MU Datasheet(PDF) 21 Page - ATMEL Corporation

No. de pieza ATSAM3N2BA-MU
Descripción Electrónicos  ARM-based Flash MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3N2BA-MU Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATSAM3N2BA-MU Datasheet HTML 17Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 18Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 19Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 20Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 21Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 22Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 23Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 24Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
21
11011BS–ATARM–22-Feb-12
SAM3N Summary
5.5.4
Low Power Mode Summary Table
The modes detailed above are the main low power modes. Each part can be set to on or off sep-
arately and wake up sources can be individually configured. Table 5-1 below shows a summary
of the configurations of the low power modes.
Notes:
1. When considering wake-up time, the time required to start the PLL is not taken into account. Once started, the device works
with the 4/8/12 MHz Fast RC oscillator. The user has to add the PLL start-up time if it is needed in the system. The wake-up
time is defined as the time taken for wake up until the first instruction is fetched.
2. The external loads on PIOs are not taken into account in the calculation.
3. Supply Monitor current consumption is not included.
4. Total Current consumption.
5. 5 µA on VDDCORE, 15 µA for total current consumption (using internal voltage regulator), 8 µA for total current consumption
(without using internal voltage regulator).
6. Depends on MCK frequency.
7. In this mode the core is supplied and not clocked but some peripherals can be clocked.
Table 5-1.
Low Power Mode Configuration Summary
Mode
SUPC,
32 kHz
Oscillator
RTC RTT
Backup
Registers,
POR
(Backup
Region)
Regulator
Core
Memory
Peripherals
Mode Entry
Potential Wake Up
Sources
Core at
Wake Up
PIO State
while in Low
Power Mode
PIO State
at Wake Up
Consumption
(2) (3)
Wake Up
Time
(1)
Backup
Mode
ON
OFF
OFF
(Not powered)
WFE
+SLEEPDEEP
bit = 1
WUP0-15 pins
BOD alarm
RTC alarm
RTT alarm
Reset
Previous
state saved
PIOA &
PIOB &
PIOC
Inputs with
pull ups
3 µA typ(4)
< 0.1 ms
Wait
Mode
ON
ON
Powered
(Not clocked)
WFE
+SLEEPDEEP
bit = 0
+LPM bit = 1
Any Event from: Fast
startup through
WUP0-15 pins
RTC alarm
RTT alarm
Clocked
back
Previous
state saved
Unchanged 5 µA/15 µA
(5)
< 10 µs
Sleep
Mode
ON
ON
Powered(7)
(Not clocked)
WFE or WFI
+SLEEPDEEP
bit = 0
+LPM bit = 0
Entry mode = WFI
Interrupt Only; Entry
mode = WFE Any
Enabled Interrupt
and/or Any Event
from: Fast start-up
through WUP0-15
pins
RTC alarm
RTT alarm
Clocked
back
Previous
state saved
Unchanged (6)
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com