Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ATSAM3N2BA-MU Datasheet(PDF) 26 Page - ATMEL Corporation

No. de pieza ATSAM3N2BA-MU
Descripción Electrónicos  ARM-based Flash MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3N2BA-MU Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button ATSAM3N2BA-MU Datasheet HTML 22Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 23Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 24Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 25Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 26Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 27Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 28Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 29Page - ATMEL Corporation ATSAM3N2BA-MU Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
26
11011BS–ATARM–22-Feb-12
SAM3N Summary
6.3
Test Pin
The TST pin is used for JTAG Boundary Scan Manufacturing Test or Fast Flash programming
mode of the SAM3N series. The TST pin integrates a permanent pull-down resistor of about 15
k
Ω to GND, so that it can be left unconnected for normal operations. To enter fast programming
mode, see the Fast Flash Programming Interface (FFPI) section. For more on the manufacturing
and test mode, refer to the “Debug and Test” section of the product datasheet.
6.4
NRST Pin
The NRST pin is bidirectional. It is handled by the on-chip reset controller and can be driven low
to provide a reset signal to the external components or asserted low externally to reset the
microcontroller. It will reset the Core and the peripherals except the Backup region (RTC, RTT
and Supply Controller). There is no constraint on the length of the reset pulse and the reset con-
troller can guarantee a minimum pulse length. The NRST pin integrates a permanent pull-up
resistor to VDDIO of about 100 k
Ω . By default, the NRST pin is configured as an input.
6.5
ERASE Pin
The ERASE pin is used to reinitialize the Flash content (and some of its NVM bits) to an erased
state (all bits read as logic level 1). It integrates a pull-down resistor of about 100 k
Ω to GND, so
that it can be left unconnected for normal operations.
This pin is debounced by SCLK to improve the glitch tolerance. When the ERASE pin is tied high
during less than 100 ms, it is not taken into account. The pin must be tied high during more than
220 ms to perform a Flash erase operation.
The ERASE pin is a system I/O pin and can be used as a standard I/O. At startup, the ERASE
pin is not configured as a PIO pin. If the ERASE pin is used as a standard I/O, startup level of
this pin must be low to prevent unwanted erasing. Please refer to Section 11.2 “Peripheral Sig-
nals Multiplexing on I/O Lines” on page 42. Also, if the ERASE pin is used as a standard I/O
output, asserting the pin to low does not erase the Flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com