Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 50 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 46Page - STMicroelectronics STM32G431VB Datasheet HTML 47Page - STMicroelectronics STM32G431VB Datasheet HTML 48Page - STMicroelectronics STM32G431VB Datasheet HTML 49Page - STMicroelectronics STM32G431VB Datasheet HTML 50Page - STMicroelectronics STM32G431VB Datasheet HTML 51Page - STMicroelectronics STM32G431VB Datasheet HTML 52Page - STMicroelectronics STM32G431VB Datasheet HTML 53Page - STMicroelectronics STM32G431VB Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 198 page
background image
Pinouts and pin description
STM32G431x6 STM32G431x8 STM32G431xB
50/198
DS12589 Rev 6
4.10
Pin definition
Table 11. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function during and after
reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
TT
3.6 V tolerant I/O
B
Dedicated BOOT0 pin
NRST
Bidirectional reset pin with embedded weak pull-up resistor
Option for TT or FT I/Os
_a(1)
I/O, with Analog switch function supplied by VDDA
_c
I/O, USB Type-C PD capable
_d
I/O, USB Type-C PD Dead Battery function
_f(2)
I/O, Fm+ capable
_u(3)
I/O, with USB function
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during and after reset
Pin functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
1. The related I/O structures in Table 12 are: FT_a, FT_fa, TT_a.
2. The related I/O structures in Table 12 are: FT_f, FT_fa.
3. The related I/O structures in Table 12 are FT_u.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com