Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 59 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 55Page - STMicroelectronics STM32G431VB Datasheet HTML 56Page - STMicroelectronics STM32G431VB Datasheet HTML 57Page - STMicroelectronics STM32G431VB Datasheet HTML 58Page - STMicroelectronics STM32G431VB Datasheet HTML 59Page - STMicroelectronics STM32G431VB Datasheet HTML 60Page - STMicroelectronics STM32G431VB Datasheet HTML 61Page - STMicroelectronics STM32G431VB Datasheet HTML 62Page - STMicroelectronics STM32G431VB Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 198 page
background image
DS12589 Rev 6
59/198
STM32G431x6 STM32G431x8 STM32G431xB
Pinouts and pin description
66
27
27
42
41 B4
57
C4
73
91
PB4
I/O
FT_c
(5)
(6)
JTRST,
TIM16_CH1,
TIM3_CH1,
TIM8_CH2N,
SPI1_MISO,
SPI3_MISO,
USART2_RX,
TIM17_BKIN,
SAI1_MCLK_B,
EVENTOUT
UCPD1_CC2
28
28
43
42 A43
58
B4
74
92
PB5
I/O
FT_f
-
TIM16_BKIN,
TIM3_CH2,
TIM8_CH3N,
I2C1_SMBA,
SPI1_MOSI,
SPI3_MOSI/
I2S3_SD,
USART2_CK,
I2C3_SDA, TIM17_CH1,
LPTIM1_IN1,
SAI1_SD_B,
EVENTOUT
-
29
29
44
43 C4
59
A4
75
93
PB6
I/O
FT_c
(6)
TIM16_CH1N,
TIM4_CH1, TIM8_CH1,
TIM8_ETR,
USART1_TX,
COMP4_OUT,
TIM8_BKIN2,
LPTIM1_ETR,
SAI1_FS_B,
EVENTOUT
UCPD1_CC1
30
30
45
44 A5
60
A3
76
94
PB7
I/O
FT_f
-
TIM17_CH1N,
TIM4_CH2, I2C1_SDA,
TIM8_BKIN,
USART1_RX,
COMP3_OUT,
TIM3_CH4,
LPTIM1_IN2,
UART4_CTS,
EVENTOUT
PVD_IN
31
31
46
45 B5
61
B3
77
95
PB8-BOOT0
I/O
FT_f
(7)
TIM16_CH1,
TIM4_CH3, SAI1_CK1,
I2C1_SCL,
USART3_RX,
COMP1_OUT,
FDCAN1_RX,
TIM8_CH2, TIM1_BKIN,
SAI1_MCLK_A,
EVENTOUT
-
Table 12. STM32G431x6/x8/xB pin definition(1) (continued)
Pin Number
Pin name
(function
after reset)
Alternate function
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com