Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 95 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 91Page - STMicroelectronics STM32G431VB Datasheet HTML 92Page - STMicroelectronics STM32G431VB Datasheet HTML 93Page - STMicroelectronics STM32G431VB Datasheet HTML 94Page - STMicroelectronics STM32G431VB Datasheet HTML 95Page - STMicroelectronics STM32G431VB Datasheet HTML 96Page - STMicroelectronics STM32G431VB Datasheet HTML 97Page - STMicroelectronics STM32G431VB Datasheet HTML 98Page - STMicroelectronics STM32G431VB Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 198 page
background image
DS12589 Rev 6
95/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
160
APB1
USART2 clock domain
3.57
3.36
2.76
3.22
µA/MHz
USART2 independent clock domain
7.93
7.36
6.10
6.84
USART3 clock domain
3.50
3.29
2.68
3.12
USART3 independent clock domain
7.69
7.14
5.94
6.71
UART4 clock domain
3.30
3.10
2.54
2.91
UART4 independent clock domain
6.53
6.06
5.02
5.61
I2C1 clock domain
1.69
1.60
1.31
1.53
I2C1 independent clock domain
3.95
3.68
3.05
3.47
I2C2 clock domain
1.69
1.60
1.31
1.53
I2C2 independent clock domain
4.04
3.76
3.11
3.58
USB clock domain
0.57
0.55
0.44
0.51
USB independent clock domain
1.19
1.10
5.28
NA
FDCAN clock domain
9.52
8.90
7.32
8.29
FDCAN independent clock domain
4.82
4.48
3.70
4.37
PWR
1.26
1.19
0.96
1.04
I2C3 clock domain
1.68
1.59
1.30
1.53
I2C3 independent clock domain
2.48
2.30
1.92
2.19
LPTIM1 clock domain
1.52
1.45
1.17
1.43
LPTIM1 independent clock domain
4.38
4.05
3.38
3.68
LPUART1 clock domain
2.42
2.29
1.87
2.15
LPUART1 independent clock
domain
4.65
4.30
3.59
4.14
ALL APB1 on
138.92
129.50
105.42
120.34
AHB to APB2 bridge
0.43
0.36
0.30
0.19
UCPD clock domain
3.67
3.42
2.82
3.24
UCPD independent clock domain
1.28
1.20
5.73
NA
Table 34. Peripheral current consumption (continued)
BUS
Peripheral
Range 1
Boost Mode
Range 1
Range 2
Low-power
run and sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com