Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 64 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 60Page - STMicroelectronics STM32G431VB Datasheet HTML 61Page - STMicroelectronics STM32G431VB Datasheet HTML 62Page - STMicroelectronics STM32G431VB Datasheet HTML 63Page - STMicroelectronics STM32G431VB Datasheet HTML 64Page - STMicroelectronics STM32G431VB Datasheet HTML 65Page - STMicroelectronics STM32G431VB Datasheet HTML 66Page - STMicroelectronics STM32G431VB Datasheet HTML 67Page - STMicroelectronics STM32G431VB Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 198 page
background image
PD0
-
-
-
-
-
-
TIM8_
CH4N
--
FDCAN1_R
X
-----
EVENT
OUT
PD1
-
-
-
-
TIM8_CH4
-
TIM8_
BKIN2
--
FDCAN1_T
X
-----
EVENT
OUT
PD2
-
-
TIM3_ETR
-
TIM8_BKIN
----------
EVENT
OUT
PD3
-
-
TIM2_CH1/
TIM2_ETR
-
---
USART2_
CTS
-------
EVENT
OUT
PD4
-
-
TIM2_CH2
-
-
-
-
USART2_
RTS_DE
-------
EVENT
OUT
PD5
-
-
-
-
---
USART2_
TX
-------
EVENT
OUT
PD6
-
-
TIM2_CH4
SAI1_D1
-
-
-
USART2_
RX
-----
SAI1_SD_
A
-
EVENT
OUT
PD7
-
-
TIM2_CH3
-
-
-
-
USART2_
CK
-------
EVENT
OUT
PD8
-
-
-
-
---
USART3_
TX
-------
EVENT
OUT
PD9
-
-
-
-
---
USART3_
RX
-------
EVENT
OUT
PD10
-
-
-
-
---
USART3_
CK
-------
EVENT
OUT
PD11
-
-
-
-
---
USART3_
CTS
-------
EVENT
OUT
PD12
-
-
TIM4_CH1
-
-
-
-
USART3_
RTS_DE
-------
EVENT
OUT
PD13
-
-
TIM4_CH2
-
-----------
EVENT
OUT
PD14
-
-
TIM4_CH3
-
-----------
EVENT
OUT
PD15
-
-
TIM4_CH4
-
-
-
SPI2_NSS
--------
EVENT
OUT
Table 13. Alternate function (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS_AF
LPTIM1/TI
M2/5/15/1
6/17
I2C3/TIM1/
2/3/4/8/15/
GPCOMP1
I2C3/SAI1/
USB/TIM8/
15/
GPCOMP3
I2C1/2/3/
TIM1/8/16/
17
SPI1/2/3/
I2S2/3/
UART4
/TIM8/Infra
red
SPI2/3/
I2S2/3/
TIM1/8/
Infrared
USART1/2/
3
I2C3/4
/UART4/
LPUART1/
GPCOMP1/
2/3
TIM1/8/15/
FDCAN1
TIM2/3/4/8/
17
LPTIM1/TI
M1/8/FDCA
N1
LPUART1/
SAI1/TIM1
SAI1/
OPAMP2
UART4/SAI
1/TIM2/15/
UCPD1
EVENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com