Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 88 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 84Page - STMicroelectronics STM32G431VB Datasheet HTML 85Page - STMicroelectronics STM32G431VB Datasheet HTML 86Page - STMicroelectronics STM32G431VB Datasheet HTML 87Page - STMicroelectronics STM32G431VB Datasheet HTML 88Page - STMicroelectronics STM32G431VB Datasheet HTML 89Page - STMicroelectronics STM32G431VB Datasheet HTML 90Page - STMicroelectronics STM32G431VB Datasheet HTML 91Page - STMicroelectronics STM32G431VB Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 198 page
background image
IDD
(Standby with
RTC)
Supply current in Standby
mode (backup registers
retained),
RTC enabled
RTC clocked by
LSI, no
independent
watchdog
1.8 V
490
605
1300
2650
5950
670
1400 3600 8200
20000
nA
2.4 V
630
765
1550
3100
6950
850
1700 4200 9400
23000
3 V
785
955
1850
3700
8050
1100 1900 4900 11000 26000
3.6 V 1000
1200
2350
4600
9950
1400 2400 5800 13000 30000
RTC clocked by
LSI, with
independent
watchdog
1.8 V
530
-
-
-
-
-
-
-
-
-
2.4 V
685
-
-
-
-
-
-
-
-
-
3 V
860
-
-
-
-
---
-
-
3.6 V 1100
-
-
-
-
-
-
-
-
-
RTC clocked by
LSE bypassed at
32768 Hz
1.8 V
360
470
1100
2450
5750
-
-
-
-
-
nA
2.4 V
480
625
1400
3000
6800
-
-
-
-
-
3 V
825
1100
2200
4200
8700
-
-
-
-
-
3.6 V 2550
3400
5250
8000 13500
-
-
-
-
-
RTC clocked by
LSE quartz(2) in low
drive mode
1.8 V
355
490
990
2150
4800
-
-
-
-
-
2.4 V
455
605
1200
2550
5550
-
-
-
-
-
3 V
595
775
1450
3100
6400
-
-
-
-
-
3.6 V
810
1200
2050
3900
7750
-
-
-
-
-
IDD
(SRAM2)(3)
Supply current to be added in
Standby mode when SRAM2
is retained
-
1.8 V
218
530
1680
3500
6900
-
-
-
-
-
nA
2.4 V
220
525
1700
3500
7050
-
-
-
-
-
3 V
215
530
1650
3500
7100
-
-
-
-
-
3.6 V
220
545
1700
3600
6800
-
-
-
-
-
Table 31. Current consumption in Standby mode (continued)
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VDD 25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com