Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 54 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 50Page - STMicroelectronics STM32G431VB Datasheet HTML 51Page - STMicroelectronics STM32G431VB Datasheet HTML 52Page - STMicroelectronics STM32G431VB Datasheet HTML 53Page - STMicroelectronics STM32G431VB Datasheet HTML 54Page - STMicroelectronics STM32G431VB Datasheet HTML 55Page - STMicroelectronics STM32G431VB Datasheet HTML 56Page - STMicroelectronics STM32G431VB Datasheet HTML 57Page - STMicroelectronics STM32G431VB Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 198 page
background image
Pinouts and pin description
STM32G431x6 STM32G431x8 STM32G431xB
54/198
DS12589 Rev 6
14
14
-
19 G4
27
G4
27
35
VSSA
S
-
-
-
-
-
-
20
20
F3
28
G5
28
36
VREF+
S
-
-
-
VREFBUF_OUT
-
-
21
21 G3
29
H5
29
37
VDDA
S
-
-
-
-
15
15
-
-
--
---
VDDA/VREF+
S
-
-
-
-
-
-
-
-
-
-
-
30
38
PE7
I/O
TT_a
-
TIM1_ETR,
SAI1_SD_B,
EVENTOUT
COMP4_INP
--
-
-
-
-
-
31
39
PE8
I/O
FT_a
-
TIM1_CH1N,
SAI1_SCK_B,
EVENTOUT
COMP4_INM
--
-
-
-
-
-
32
40
PE9
I/O
FT
-
TIM1_CH1, SAI1_FS_B,
EVENTOUT
-
--
-
-
-
-
-
33
41
PE10
I/O
FT
-
TIM1_CH2N,
SAI1_MCLK_B,
EVENTOUT
-
--
-
-
-
-
-
34
42
PE11
I/O
FT
-
TIM1_CH2, EVENTOUT
-
--
-
-
-
-
-
35
43
PE12
I/O
FT
-
TIM1_CH3N,
EVENTOUT
-
--
-
-
-
-
-
36
44
PE13
I/O
FT
-
TIM1_CH3, EVENTOUT
-
--
-
-
-
-
-
37
45
PE14
I/O
FT
-
TIM1_CH4,
TIM1_BKIN2,
EVENTOUT
-
--
-
-
-
-
-
38
46
PE15
I/O
FT
-
TIM1_BKIN,
TIM1_CH4N,
USART3_RX,
EVENTOUT
-
-
-
22
22
F2
30
H6
39
47
PB10
I/O
TT_a
-
TIM2_CH3,
USART3_TX,
LPUART1_RX,
TIM1_BKIN,
SAI1_SCK_A,
EVENTOUT
OPAMP3_VINM
16
16
-
23 G231G7
40
48
VSS
S
-
-
-
-
17
17
23
24 G1
32
H8
41
49
VDD
S
-
-
-
-
-
-
24
25 E3
33
H7
42
50
PB11
I/O
FT_a
-
TIM2_CH4,
USART3_RX,
LPUART1_TX,
EVENTOUT
ADC12_IN14
Table 12. STM32G431x6/x8/xB pin definition(1) (continued)
Pin Number
Pin name
(function
after reset)
Alternate function
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com