Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 79 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 75Page - STMicroelectronics STM32G431VB Datasheet HTML 76Page - STMicroelectronics STM32G431VB Datasheet HTML 77Page - STMicroelectronics STM32G431VB Datasheet HTML 78Page - STMicroelectronics STM32G431VB Datasheet HTML 79Page - STMicroelectronics STM32G431VB Datasheet HTML 80Page - STMicroelectronics STM32G431VB Datasheet HTML 81Page - STMicroelectronics STM32G431VB Datasheet HTML 82Page - STMicroelectronics STM32G431VB Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 198 page
background image
IDD (LPRun)
Supply current
in Low-power
run mode
fHCLK = fHSE
all peripherals disable
2 MHz
350
495
965
1600
2650
900
2100 3900
6700 12000
μA
1 MHz
210
370
845
1500
2550
780
2000 3800
6600
11000
250 KHz
115
275
755
1400
2450
680
1900 3700
6800 12000
62.5 KHz 98.0
255
725
1350
2400
630
1800 3600
6400
11000
fHCLK = fHSI / HPRE
all peripherals disable
2 MHz
850
1000 1500
2100
3150
1500 2700 4500
7500 12000
1 MHz
770
900
1400
2000
3050
1500 2700 4500
7600 13000
250 KHz
720
840
1300
1950
3000
1400 2600 4400
7300 12000
62.5 KHz
665
830
1300
1900
2950
1400 2600 4400
7300 12000
Table 22. Current consumption in Run and Low-power run modes,
code with data processing running from SRAM1 (continued)
Symbol
Parameter
Condition
fHCLK
Typ
Max
Unit
-
Voltage
scaling
25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com