Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 94 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 90Page - STMicroelectronics STM32G431VB Datasheet HTML 91Page - STMicroelectronics STM32G431VB Datasheet HTML 92Page - STMicroelectronics STM32G431VB Datasheet HTML 93Page - STMicroelectronics STM32G431VB Datasheet HTML 94Page - STMicroelectronics STM32G431VB Datasheet HTML 95Page - STMicroelectronics STM32G431VB Datasheet HTML 96Page - STMicroelectronics STM32G431VB Datasheet HTML 97Page - STMicroelectronics STM32G431VB Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 198 page
background image
Electrical characteristics
STM32G431x6 STM32G431x8 STM32G431xB
94/198
DS12589 Rev 6
AHB2
CRC
1.11
1.05
0.86
0.90
µA/MHz
GPIOA
1.00
0.91
0.73
0.93
GPIOB
0.55
0.50
0.41
0.54
GPIOC
0.56
0.51
0.42
0.43
GPIOD
0.35
0.33
0.26
0.26
GPIOE
0.59
0.55
0.45
0.41
GPIOF
0.46
0.43
0.36
0.31
GPIOG
0.38
0.36
0.29
0.26
CCMSRAM
0.32
0.31
0.26
0.25
SRAM2
0.70
0.66
0.55
0.55
ADC12 AHB clock domain
6.72
6.27
5.17
5.95
ADC12 independent clock domain
0.61
0.59
0.46
0.56
DAC1
5.57
5.17
4.40
4.99
DAC3
5.67
5.30
NA
NA
RNG clock domain
3.63
3.37
NA
Na
RNG independent clock domain
1.06
1.00
NA
NA
AHB
ALL AHB peripherals
79.97
74.54
57.83
66.98
µA/MHz
APB1
AHB to APB1 bridge
0.47
0.37
0.32
0.08
µA/MHz
TIM2
10.84
10.04
8.21
9.31
TIM3
9.32
8.65
7.10
8.02
TIM4
8.60
8.00
6.61
7.53
TIM6
2.88
2.69
2.22
2.66
TIM7
2.72
2.53
2.09
2.41
CRS
0.65
0.62
0.50
0.57
RTC
3.72
3.49
2.92
3.73
WWDG
0.77
0.74
0.60
0.71
SPI2
4.96
4.63
3.82
4.33
SPI3
5.33
4.98
4.09
4.67
I2S2 clock domain
3.45
3.23
2.65
2.95
I2S2 independent clock domain
1.51
1.40
1.17
1.38
I2S3 clock domain
3.86
3.62
2.97
3.49
I2S3 independent clock domain
1.47
1.36
1.12
1.18
Table 34. Peripheral current consumption (continued)
BUS
Peripheral
Range 1
Boost Mode
Range 1
Range 2
Low-power
run and sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com