Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 52 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 48Page - STMicroelectronics STM32G431VB Datasheet HTML 49Page - STMicroelectronics STM32G431VB Datasheet HTML 50Page - STMicroelectronics STM32G431VB Datasheet HTML 51Page - STMicroelectronics STM32G431VB Datasheet HTML 52Page - STMicroelectronics STM32G431VB Datasheet HTML 53Page - STMicroelectronics STM32G431VB Datasheet HTML 54Page - STMicroelectronics STM32G431VB Datasheet HTML 55Page - STMicroelectronics STM32G431VB Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 198 page
background image
Pinouts and pin description
STM32G431x6 STM32G431x8 STM32G431xB
52/198
DS12589 Rev 6
-
-
-
-
-
8
E2
8
15
PC0
I/O
FT_a
-
LPTIM1_IN1,
TIM1_CH1,
LPUART1_RX,
EVENTOUT
ADC12_IN6,
COMP3_INM
-
-
-
-
-
9
C3
9
16
PC1
I/O
TT_a
-
LPTIM1_OUT,
TIM1_CH2,
LPUART1_TX,
SAI1_SD_A,
EVENTOUT
ADC12_IN7,
COMP3_INP
-
-
-
-
-
10
D3
10
17
PC2
I/O
FT_a
-
LPTIM1_IN2,
TIM1_CH3,
COMP3_OUT,
EVENTOUT
ADC12_IN8
-
-
-
-
-
11
G1
11
18
PC3
I/O
FT_a
-
LPTIM1_ETR,
TIM1_CH4,
SAI1_D1,
TIM1_BKIN2,
SAI1_SD_A,
EVENTOUT
ADC12_IN9
-
-
-
-
--
--
19
PF2
I/O
FT
-
I2C2_SMBA,
EVENTOUT
-
5
5
8
8
F7
12
F2
12
20
PA0
I/O
TT_a
-
TIM2_CH1,
USART2_CTS,
COMP1_OUT,
TIM8_BKIN, TIM8_ETR,
TIM2_ETR, EVENTOUT
ADC12_IN1,
COMP1_INM,
COMP3_INP,
RTC_TAMP2,
WKUP1
6
6
9
9
D6
13
E3
13
21
PA1
I/O
TT_a
-
RTC_REFIN,
TIM2_CH2,
USART2_RTS_DE,
TIM15_CH1N,
EVENTOUT
ADC12_IN2,
COMP1_INP,
OPAMP1_VINP,
OPAMP3_VINP
7
7
10
10
F6
14
F3
14
22
PA2
I/O
TT_a
-
TIM2_CH3,
USART2_TX,
COMP2_OUT,
TIM15_CH1,
LPUART1_TX,
UCPD1_FRSTX,
EVENTOUT
ADC1_IN3,
COMP2_INM,
OPAMP1_VOUT,
WKUP4/
LSCO
-
-
-
-
-
15
G2
15
23
VSS
S
-
-
-
-
--
-
-
-
16
H1
16
24
VDD
S
-
-
-
-
8
8
11
11 G7
17
H2
17
25
PA3
I/O
TT_a
-
TIM2_CH4, SAI1_CK1,
USART2_RX,
TIM15_CH2,
LPUART1_RX,
SAI1_MCLK_A,
EVENTOUT
ADC1_IN4,
COMP2_INP,
OPAMP1_VINM/
OPAMP1_VINP
Table 12. STM32G431x6/x8/xB pin definition(1) (continued)
Pin Number
Pin name
(function
after reset)
Alternate function
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com