Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 87 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 83Page - STMicroelectronics STM32G431VB Datasheet HTML 84Page - STMicroelectronics STM32G431VB Datasheet HTML 85Page - STMicroelectronics STM32G431VB Datasheet HTML 86Page - STMicroelectronics STM32G431VB Datasheet HTML 87Page - STMicroelectronics STM32G431VB Datasheet HTML 88Page - STMicroelectronics STM32G431VB Datasheet HTML 89Page - STMicroelectronics STM32G431VB Datasheet HTML 90Page - STMicroelectronics STM32G431VB Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 198 page
background image
Table 30. Current consumption in Stop 0 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VDD
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD(Stop 0)
Supply current
in Stop 0 mode,
RTC disabled
-
1.8 V
150
280
680
1200
2100
560
1600
4000
7100
12000
µA
2.4 V
150
280
680
1200
2100
560
1600
4000
7100
12000
3 V
155
280
685
1200
2150
560
1600
4000
7100
12000
3.6 V
155
285
685
1200
2150
560
1600
4000
7200
12000
1. Guaranteed by characterization results, unless otherwise specified.
Table 31. Current consumption in Standby mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VDD 25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C
IDD
(Standby)
Supply current in Standby
mode (backup registers
retained),
RTC disabled
No independent
watchdog
1.8 V
92.0
205
870
2250
5600
220
1000 3200 8000
20000
nA
2.4 V
100
240
1000
2600
6450
250
1100 3600 9000
23000
3 V
120
280
1200
3050
7400
280
1300 4200 11000 26000
3.6 V
175
385
1550
3800
9200
370
1500 4900 12000 30000
With independent
watchdog
1.8 V
275
-
-
-
-
-
-
-
-
-
2.4 V
335
-
-
-
-
-
-
-
-
-
3 V
400
-
-
-
-
---
-
-
3.6 V
510
-
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com