Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 129 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 129 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 125Page - STMicroelectronics STM32G431VB Datasheet HTML 126Page - STMicroelectronics STM32G431VB Datasheet HTML 127Page - STMicroelectronics STM32G431VB Datasheet HTML 128Page - STMicroelectronics STM32G431VB Datasheet HTML 129Page - STMicroelectronics STM32G431VB Datasheet HTML 130Page - STMicroelectronics STM32G431VB Datasheet HTML 131Page - STMicroelectronics STM32G431VB Datasheet HTML 132Page - STMicroelectronics STM32G431VB Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 198 page
background image
DS12589 Rev 6
129/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
160
Table 65. ADC accuracy (Multiple ADCs operation) - limited test conditions 1(1)(2)(3)
Symbol
Parameter
Conditions(4)
Min
Typ
Max
Unit
ET
Total unadjusted
error
Multiple ADC operation
ADC clock frequency:
single ended ≤ 52 MHz,
differential ≤ 56 MHz,
VDDA = VREF= 3.3 V,
25°C,
Continuous mode,
sampling time:
Fast channels: 2.5 cycles
Slow channels: 6.5 cycles
LQFP100 package
Single ended
-
4.5
-
LSB
Differential
-
4.1
-
EO
Offset error
Single ended
-
1.3
-
Differential
-
0.4
-
EG
Gain error
Single ended
-
3.9
-
Differential
-
3.4
-
ED
Differential
linearity error
Single ended
-
1.5
-
Differential
-
1.2
-
EL
Integral linearity
error
Single ended
-
1.7
-
Differential
-
2.1
-
ENOB
Effective
number of bits
Single ended
-
10.7
-
bits
Differential
-
10.9
-
SINAD
Signal-to-noise
and distortion
ratio
Single ended
-
66.3
-
dB
Differential
-
67.2
-
SNR
Signal-to-noise
ratio
Single ended
-
67.3
-
Differential
-
68.6
-
THD
Total harmonic
distortion
Single ended
-
-73.5
-
dB
Differential
-
-73
-
1. Data based on characterization result, not tested in production.
2. ADC DC accuracy values are measured after internal calibration.
3. ADC accuracy vs. negative Injection Current: Injecting negative current on any analog input pins should be avoided
as this significantly reduces the accuracy of the conversion being performed on another analog input. It is
recommended to add a Schottky diode (pin to ground) to analog pins which may potentially inject negative current.
4. The I/O analog switch voltage booster is enabled when VDDA < 2.4 V (BOOSTEN = 1 in the SYSCFG_CFGR1 when
VDDA < 2.4 V). It is disabled when VDDA ≥ 2.4 V. No oversampling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com