Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AF4HV Datasheet(PDF) 30 Page - Knowles Electronics

No. de pieza AF4HV
Descripción Electrónicos  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KNOWLES [Knowles Electronics]
Página de inicio  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AF4HV Datasheet(HTML) 30 Page - Knowles Electronics

Back Button AF4HV Datasheet HTML 26Page - Knowles Electronics AF4HV Datasheet HTML 27Page - Knowles Electronics AF4HV Datasheet HTML 28Page - Knowles Electronics AF4HV Datasheet HTML 29Page - Knowles Electronics AF4HV Datasheet HTML 30Page - Knowles Electronics AF4HV Datasheet HTML 31Page - Knowles Electronics AF4HV Datasheet HTML 32Page - Knowles Electronics AF4HV Datasheet HTML 33Page - Knowles Electronics AF4HV Datasheet HTML 34Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
www.knowlescapacitors.com
28
Part
Number
Cap Range
(pF)
Min. Q @
175 MHz
Dimensions
Fig.
A
B
C
D
E
F
G
52H01
52H02
1.5 to 10.0
>1400*
0.31
0.22
.295
.275
0.31
-
-
-
0.06
-
0.09
1
2
55H01
1.5 to 19.0
>1000
0.31
0.22
.295
.275
0.31
-
-
-
1
55H02
1.5 to 19.0
>1000
0.31
0.22
.295
.275
-
-
0.06
0.09
2
80H85
1.5 to 19.0
>1000
0.31
0.22
.295
.275
0.32
-
0.125
-
2
Notes: Dimensions (inches). *Q @ 195MHz.
High Voltage Trimmers
Characteristics
Rated voltage:
1250 VDC - test voltage 2500 VDC (52H02)
1000 VDC - test voltage 2000 VDC (55H01) (55H02) (80H85)
Q >1400@ 195 MHz (52H02)
Q >1000@ 175 MHz (55H01) (55H02) (80H85)
Insulation resistance: >106 MΩ
Operating temperature range: -65°C to +125°C
Torque: 1 to 10 oz. in.
Contact resistance: <.01 Ω
Figure 1
Figure 2
Figure 3
Recommended Tuning Tool
JMC 8764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com