Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AF4HV Datasheet(PDF) 37 Page - Knowles Electronics

No. de pieza AF4HV
Descripción Electrónicos  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KNOWLES [Knowles Electronics]
Página de inicio  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AF4HV Datasheet(HTML) 37 Page - Knowles Electronics

Back Button AF4HV Datasheet HTML 33Page - Knowles Electronics AF4HV Datasheet HTML 34Page - Knowles Electronics AF4HV Datasheet HTML 35Page - Knowles Electronics AF4HV Datasheet HTML 36Page - Knowles Electronics AF4HV Datasheet HTML 37Page - Knowles Electronics AF4HV Datasheet HTML 38Page - Knowles Electronics AF4HV Datasheet HTML 39Page - Knowles Electronics AF4HV Datasheet HTML 40Page - Knowles Electronics AF4HV Datasheet HTML 41Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
www.knowlescapacitors.com
35
The PC17 styles are the only vertically mounted glass trimmers in
MIL-C-14409D.
Voltronics “S” Series are up to 40% shorter with 25% more range
than any other sealed standard glass RC. trimmers. The use of
Voltronics’ unique non-rotating piston design provides linear tuning,
high “Q”, long life, and high self-resonant frequencies. The O-ring
seal assures protection up to 40 p.s.i. against dust, moisture, flux,
solder, and cleaning solvents.
.125 DIA
.067
.020
.31 DIA
X
.125
Y
.28
.070
.030
.010+ “Y”
.020
.125 DIA
.067
.020
X
.34 DIA
.28
.020
.025
.26
.065
.11
.31 DIA
Smallest Sealed Glass Trimmers - S Series
Dielectric
Capacitance Range
(pF)
Q (Min.)
at 1 MHz
Horizontal Mount
Figure 1
Vertical Mount*
Figure 2
Surface Mount
Figure 3
From Below
To Above
Type
A ± .06
B ± .03
Type
X ± .03
Type
X ± .03
EMBEDDED
BAND GLASS
1.5
10
800
SP10
.370
.300
SF10A
.340
SM10
.340
1.5
20
800
SP20
.440
.370
SF20A
.410
SM20
.410
1.5
30
800
SP30
.520
.450
SF30A
.490
SM30
.490
1.5
40
800
SP40
.630
.560
SF40A
.600
SM40
.600
“Y” dimension-standard - .040”. For non-standard, change “A” in type number to “B” for .063” or “C” for .093”.
*SF styles available with dual leads from top similar to AF styles on page 14.
General specifications on page 34 apply except:
1. DC Working Voltage: 250
2. Tuning torque: 0.5 to 5 inch ounces
3. Tolerance: XXX ± .005
A.31 DIA
.020
.125 DIA
.031
.218
B
.31
.015
.218
#64 (.036 DIA)
4 HOLES
Figure 1
Figure 2
Figure 3
a Knowles Precision Devices brand
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com