Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AF4HV Datasheet(PDF) 44 Page - Knowles Electronics

No. de pieza AF4HV
Descripción Electrónicos  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KNOWLES [Knowles Electronics]
Página de inicio  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AF4HV Datasheet(HTML) 44 Page - Knowles Electronics

Back Button AF4HV Datasheet HTML 40Page - Knowles Electronics AF4HV Datasheet HTML 41Page - Knowles Electronics AF4HV Datasheet HTML 42Page - Knowles Electronics AF4HV Datasheet HTML 43Page - Knowles Electronics AF4HV Datasheet HTML 44Page - Knowles Electronics AF4HV Datasheet HTML 45Page - Knowles Electronics AF4HV Datasheet HTML 46Page - Knowles Electronics AF4HV Datasheet HTML 47Page - Knowles Electronics AF4HV Datasheet HTML 48Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
www.knowlescapacitors.com
42
a Knowles Precision Devices brand
TM
a Knowles Precision Devices brand
TM
Differential Glass Trimmers
Split Stator Glass Trimmers
Fig.
Capacitance Range (pF)
A
B
C
Min. (1) Min. (2) Max. (1)
(2)
Typical
Crossover
TM3D
1
1.5
2.0
3
2.4
.31
-
.09
TM8D
1
1.5
2.5
8
5.5
.55
-
.22
TM12D
1
1.5
3.0
12
7.7
.75
-
.31
TM16D
1
1.5
3.5
16
10.1
.94
-
.41
TM28D
1
1.5
5.0
26
16.0
1.44
-
.66
TP3D
2
1.5
2.0
3
2.4
.31
.28
.09
TP8D
2
1.5
2.5
8
5.5
.55
.45
.22
TP12D
2
1.5
3.0
12
7.7
.75
.61
.31
TP16D
2
1.5
3.5
16
10.1
.94
.75
.41
TP28D
2
1.5
5.0
26
16.0
1.44
1.13
.66
Note: For sealed versions, add “G” to part number, ie., TM8DG. The “A”
dimension will be 0.11” longer.
Fig.
Capacitance Range (pF)
A
B
Plate/Plate
Plate/Brushing
Min.
Max.
Min.
Max.
TM4S
1
0.8
2.0
0.8
4.2
.55
-
TM9S
1
1.5
4.5
0.8
9.0
1.02
-
TM14S
1
2.0
7.0
1.0
14.0
1.67
-
TP4S
2
0.8
2.0
0.8
4.2
.55
.47
TP9S
2
1.5
4.5
0.8
9.0
1.02
.91
TP14S
2
2.0
7.0
1.0
14.0
1.67
1.53
Note: For sealed versions, add “G” to part number, ie., TM4SG. The “A”
dimension will be 0.11” longer.
For a differential trimmer capacitor, the capacitance of one
element increases while the other element decreases, with the sum
remaining approximately constant.
Both elements of a split stator trimmer tune at approximately the
same rate.
General Specifications on page 34 apply except:
1. DC Working Voltage: 500
2. Temperature coefficient: 0±100 ppm/°C.
Fig. 1
Fig. 2
Fig. 1
Fig. 2
A
C
.25 DIA
C1
C2
.25
.31 DIA
.168
.020
.125 DIA
.195
.191
.175
.171
#10-32 TH’D
NUT & LOCKWASHER
#22 AWG
2” LONG
A
.125
.16 DIA
.25 DIA
C1
C2
#20 AWG
1” MIN
.020
.125
DIA
.036 DIA (4 HOLES)
.235
.275
C
B
1”
A
.250
Ø .31
Ø .125
.020 SLOT
.195
.191
.175
.171
.167
#10-32
THREAD
NUT & LOCKWASHER
RIBBON LEAD
.125 WIDE x .006 TH’K
1” MIN
A
.125
.312 DIA
.250 DIA
.16 DIA
#20 AWG
B
.234
.020
.125 DIA
RIBBON LEAD
.125 WIDE x .006 TH’K
Differential Glass Trimmers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com