Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AF4HV Datasheet(PDF) 9 Page - Knowles Electronics

No. de pieza AF4HV
Descripción Electrónicos  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KNOWLES [Knowles Electronics]
Página de inicio  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AF4HV Datasheet(HTML) 9 Page - Knowles Electronics

Back Button AF4HV Datasheet HTML 5Page - Knowles Electronics AF4HV Datasheet HTML 6Page - Knowles Electronics AF4HV Datasheet HTML 7Page - Knowles Electronics AF4HV Datasheet HTML 8Page - Knowles Electronics AF4HV Datasheet HTML 9Page - Knowles Electronics AF4HV Datasheet HTML 10Page - Knowles Electronics AF4HV Datasheet HTML 11Page - Knowles Electronics AF4HV Datasheet HTML 12Page - Knowles Electronics AF4HV Datasheet HTML 13Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
www.knowlescapacitors.com
7
Thin-Trim® Trimmers - 9402 & 9410 Series
Dimensions: inches (mm)
Dimensions: inches (mm)
Dimensions: inches (mm)
Dimensions: inches (mm)
9402
9402-SL-1
9410
9410-SL-1
.125 (3.18)
MAX.
.141 (3.58)
Ø MAX.
.125
(3.18)
60º
.025 (.635)
SQUARE DRIVE TUNING
COLOR
CODE
.004 ±.001
(.102 ±.025)
.020 ±.002
(.508 ±.051)
ROTOR
.040 ±1.02
.195 ±.010
(4.95 ±.254)
.195 ±.010
(4.95 ±.254)
45º
.125 (3.18)
MAX.
.141 (3.58)
Ø MAX.
.125
(3.18)
.025 (.635)
SQUARE DRIVE TUNING
COLOR
CODE
.004 ±.001
(.102 ±.025)
.020 ±.002
(.508 ±.051)
ROTOR
.040 ±1.02
.200±.010
(5.08±.254)
Q VS. Frequency 9402 Series
9402-8
9402-6
9402-9
9402-4
9402-2
9402-1
9402-0
10
100
1000
2000
200
400
600
800
1000
1200
1400
1600
1800
FREQUENCY (MHz)
.200 (5.08)
60º 2x
.200
(5.08)
.030 (.762) SQUARE DRIVE TUNING
COLOR
CODE
Ø.225 MAX.
ROTOR
.040
±.002
.005
±.001
.060 (1.52) MAX.
.300 ±.010
(7.62 ±.254)
.300 ±.010
(7.62 ±.254)
.200
(5.08)
.060 (1.52) MAX.
.040
±.002
(2.64
±.051)
.005 ±.001
(.127 ±.025)
.250 +.000 -.010
(6.35 +.000 -.254)
.225 (5.72)
MAX. DIA.
COLOR
CODE
.030 (.762) SQUARE DRIVE TUNING
.200 (5.08)
MAX.
Q VS. Frequency 9410 Series
9410-4
9410-5
9410-3
9410-25
9410-2
9410-1
9410-0
10
100
1000
2000
200
400
600
800
1000
1200
1400
1600
1800
FREQUENCY (MHz)
Figure D
Figure C
Figure B
Figure A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com