Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AF4HV Datasheet(PDF) 26 Page - Knowles Electronics

No. de pieza AF4HV
Descripción Electrónicos  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KNOWLES [Knowles Electronics]
Página de inicio  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AF4HV Datasheet(HTML) 26 Page - Knowles Electronics

Back Button AF4HV Datasheet HTML 22Page - Knowles Electronics AF4HV Datasheet HTML 23Page - Knowles Electronics AF4HV Datasheet HTML 24Page - Knowles Electronics AF4HV Datasheet HTML 25Page - Knowles Electronics AF4HV Datasheet HTML 26Page - Knowles Electronics AF4HV Datasheet HTML 27Page - Knowles Electronics AF4HV Datasheet HTML 28Page - Knowles Electronics AF4HV Datasheet HTML 29Page - Knowles Electronics AF4HV Datasheet HTML 30Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
www.knowlescapacitors.com
24
HV PTFE Trimmers - A_HV Series
The only internally sealed High Voltage PTFE trimmer
Voltronics’ concentric ring PTFE dielectric trimmer capacitors are
designed for use at frequencies up to 1.5 GHz. They are ideal for
HIGH VOLTAGE applications. The solid internal PTFE dielectric
prevents ionization, a major advantage in space, high altitude and
high voltage applications. The unique internal O-ring seal makes
wave soldering and vapor degreasing possible without the need to
attach a separate cap.
Options
Non-Magnetic Option: All parts can be ordered as non-magnetic.
Add “NM” to the part number, i.e. NMAT25HV, NMKP10HV.
Extended Shaft Options:
Add “E” to the part number, i.e. AT10HVE.
Extended Plastic Shaft Options:
Add “EI” to the part number, i.e. EF10HVEI.
SD Option:
For applications requiring high reliability but lower voltage.
Part No.
Working Voltage
Withstanding Voltage
K_1SD
250
500
A or K_4SD
250
500
A_25SD
125
250
A_30*
250
500
A_40SD
250
500
A_55SD
125
250
Note: A_30 not available in high voltage configuration
U.S. Patent No. 5,229,911
A1 J 8 HV
Refer to page 14
OPTIONS
SERIES
CAPACITANCE
LEAD STYLE
General specifications
A_4HV
A_10 HV
A_15 HV
A_25 HV
Capacitance Range
1 to 4pF
1 to 10pF
1 to 16pF
1 to 23pF
DC Working
1000
1000
1000
750
DC Withstanding
2000
2000
2000
1500
Q (min) at 100MHz @ Max. C*
2000
2000
2000
2000
Temperature Coefficent -
0±100ppm/˚C
-50±50 ppm/˚C
-50±50 ppm/˚C
50±50 ppm/˚C
-50±50 ppm/˚C
Insulation Resistance @ 25˚C
106 MΩ
106 MΩ
106 MΩ
106 MΩ
Seal
40 pounds/in2
40 pounds/in2
40 pounds/in2
40 pounds/in2
Operating Temperature
-65˚C to +125˚C
-65˚C to +125˚C
-65˚C to +125˚C
-65˚C to +125˚C
Rotational Life
600 Turns
600 Turns
600 Turns
600 Turns
Tuning Torque
.05 to 5.0 in-oz
.05 to 5.0 in-oz
.05 to 5.0 in-oz
.05 to 5.0 in-oz
Shock
1,500g, 0.5 millisecs.
1,500g, 0.5 millisecs.
1,500g, 0.5 millisecs.
1,500g, 0.5 millisecs.
Vibration
50g at 10-2000 Hz
50g at 10-2000 Hz
50g at 10-2000 Hz
50g at 10-2000 Hz
* Self-resonant frequency and Q are assured with no terminals on parts.
Other features include:
Ten or 29 linear turns
Internal stops
Extreme stability under shock & vibration
Screw head does not move in and out
Extended shaft option of metal or plastic
Long life with no dynamic tuning noise
General specifications
A_40HV
A_55HV
Capacitance Range
1.5 to 40pF
1.5 to 55pF
Q (min) at 100MHz @ Max. C*
2000
-
Q (min) at 75MHz @ Max. C*
-
780
Temperature Coefficent
0±100 ppm/˚C
0±100 ppm/˚C
Insulation Resistance @ 25˚C
106 MΩ
106 MΩ
Seal
40 pounds/in2
40 pounds/in2
Operating Temperature
-65˚C to +125˚C
-65˚C to +125˚C
Rotational Life
600 Turns
600 Turns
Tuning Torque
.05 to 5.0 in-oz
.05 to 5.0 in-oz
Shock
1,500g,
0.5 millisecs.
1,500g,
0.5 millisecs.
Vibration
50g at 10-2000 Hz
50g at 10-2000 Hz
DC Working Voltage
1000
600
DC Withstanding Voltage
2000
1200
* Self-resonant frequency and Q are assured with no terminals on parts.
Extended metal shaft option: Add “E” to Part Number, i.e., AT40SDE
Extended Range
CONTACT ARMS FOR
SHORT RF CURRENT PATH
NON-ROTATING
MOVEABLE ELECTRODE
PERMANENT O-RING SEAL
PTFE SPACER
FOR POSITIVE GUIDANCE
a Knowles Precision Devices brand
TM
1.55”
(39.4)
0.30”
(7.2)
0.50”
(12.7)
0.30”
(7.62)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com