Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AF4HV Datasheet(PDF) 17 Page - Knowles Electronics

No. de pieza AF4HV
Descripción Electrónicos  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KNOWLES [Knowles Electronics]
Página de inicio  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AF4HV Datasheet(HTML) 17 Page - Knowles Electronics

Back Button AF4HV Datasheet HTML 13Page - Knowles Electronics AF4HV Datasheet HTML 14Page - Knowles Electronics AF4HV Datasheet HTML 15Page - Knowles Electronics AF4HV Datasheet HTML 16Page - Knowles Electronics AF4HV Datasheet HTML 17Page - Knowles Electronics AF4HV Datasheet HTML 18Page - Knowles Electronics AF4HV Datasheet HTML 19Page - Knowles Electronics AF4HV Datasheet HTML 20Page - Knowles Electronics AF4HV Datasheet HTML 21Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
www.knowlescapacitors.com
15
Air Trimmers - A Series
The only internally sealed Air Trimmer
Voltronics’ concentric ring Air Trimmer capacitors are designed for
use at frequencies up to 1.5 GHz.
They are ideal for applications such as mobile radios, aerospace
communication, crystal oscillators and filters, radar, cable TV and
innumberable other commercial and military programs. The unique
internal O-ring seal make wave soldering and vapor degreasing
possible without the need to attach a separate cap.
“A” Series - Solder sealed and qualified to MIL-C-14409.
Other features include:
Ten full linear turns
Internal stops
Extreme stability under shock and vibration
Screw head does not move in and out
Extended shaft option of metal or plastic
Long life with no dynamic tuning noise
Note:
All parts shown here can be ordered as non-magnetic:
Add “NM” to Part Number, i.e., NMAP10
General Specifications
A_5
A_10
A_14
Capacitance Range
1.0 - 5pF
1.0 - 10pF
1.0 - 14pF
Q (min) at 100MHz @ Max. C*
5,000
5,000
3,000
DC Working Voltage
250
250
125
DC Withstanding Voltage
500
500
250
Temperature Coefficent
50±50 ppm/˚C / -50±50 ppm/˚C
50±50 ppm/˚C / -50±50 ppm/˚C
50±50 ppm/˚C / -50±50 ppm/˚C
Insulation Resistance @ 25˚C
106 MΩ
106 MΩ
106 MΩ
Seal
40 pounds/in2
40 pounds/in2
40 pounds/in2
Operating Temperature
- 65˚C to +125˚C
- 65˚C to +125˚C
- 65˚C to +125˚C
Rotational Life
10000 Turns
10000 Turns
10000 Turns
Tuning Torque
0.5 to 5.0 in-oz
0.5 to 5.0 in-oz
0.5 to 5.0 in-oz
Shock
1,500g, 0.5 millisecs.
1,500g, 0.5 millisecs.
1,500g, 0.5 millisecs.
Vibration
50g at 10 - 2000 Hz
50g at 10 - 2000 Hz
50g at 10 - 2000 Hz
* Self-resonant frequency and Q are assured with no terminals on parts.
A1 J 8 HV
Refer to page 14
OPTIONS
SERIES
CAPACITANCE
LEAD STYLE
CONTACT ARMS FOR
SHORT RF CURRENT PATH
NON-ROTATING
MOVEABLE ELECTRODE
PERMANENT O-RING SEAL
PTFE SPACER
FOR POSITIVE GUIDANCE
0.50”
(12.7)
0.30”
(7.62)
a Knowles Precision Devices brand
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com