Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AF4HV Datasheet(PDF) 14 Page - Knowles Electronics

No. de pieza AF4HV
Descripción Electrónicos  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KNOWLES [Knowles Electronics]
Página de inicio  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AF4HV Datasheet(HTML) 14 Page - Knowles Electronics

Back Button AF4HV Datasheet HTML 10Page - Knowles Electronics AF4HV Datasheet HTML 11Page - Knowles Electronics AF4HV Datasheet HTML 12Page - Knowles Electronics AF4HV Datasheet HTML 13Page - Knowles Electronics AF4HV Datasheet HTML 14Page - Knowles Electronics AF4HV Datasheet HTML 15Page - Knowles Electronics AF4HV Datasheet HTML 16Page - Knowles Electronics AF4HV Datasheet HTML 17Page - Knowles Electronics AF4HV Datasheet HTML 18Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
www.knowlescapacitors.com
12
Product Selection Guide - Consult Factory for Complete Catalog
Product Line
Description Series
Maximum
Capacitance
Maximum
DC Working
Voltage
Typical
minimum
Q value
Page
A1_4/8
A1_12
Miniature
PTFE
Dielectric
NM
or
A4_HV
12pF
1000
2000 - 4000
22
A4_3
A4_5
NM
or
A1_HV
5pF
1000
2000 - 3000
23
A_HV
High Voltage
PTFE
Dielectric
NM
or
A_HV
30pF
1000
2000
24
A_HV
Ext
Range
NM
or
A_HV
55pF
ext. range
1000
780 - 2000
24
K_HV
NM
or
K_HV
15pF
1000
780 - 2000
25
NT
20kV PTFE
Dielectric
NM NT
95pF
10000
2000
27
GLASS
Glass
Dielectric
NM HTM
NM TF
NM TM
NM TP
250pF
36pF
130pF
180pF
1250
1000
1250
1250
250 - 1000
34
QUARTZ
Quartz
Dielectric
NM QM
24pF
1250
2000
34
Air & PTFE Trimmers - Product Guide
a Knowles Precision Devices brand
TM
Note: Most of the above trimmer capacitors can be ordered as non-magnetic - see non-magnetic section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com