Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AF4HV Datasheet(PDF) 38 Page - Knowles Electronics

No. de pieza AF4HV
Descripción Electrónicos  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KNOWLES [Knowles Electronics]
Página de inicio  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AF4HV Datasheet(HTML) 38 Page - Knowles Electronics

Back Button AF4HV Datasheet HTML 34Page - Knowles Electronics AF4HV Datasheet HTML 35Page - Knowles Electronics AF4HV Datasheet HTML 36Page - Knowles Electronics AF4HV Datasheet HTML 37Page - Knowles Electronics AF4HV Datasheet HTML 38Page - Knowles Electronics AF4HV Datasheet HTML 39Page - Knowles Electronics AF4HV Datasheet HTML 40Page - Knowles Electronics AF4HV Datasheet HTML 41Page - Knowles Electronics AF4HV Datasheet HTML 42Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
www.knowlescapacitors.com
36
Extended Range Glass Trimmers - H Series
The “H” Series increases the standard maximum capacitance values
of Voltronics’ glass trimmer capacitors by almost 100%. This is
achieved by a new and unique technique which makes the wall of
the inner glass tube thinner than was previously possible.
General specifications for the “H” Series are the same as those of
stan¬dard embedded band glass trimmers (see Page 34) with the
following exceptions:
DC Working Voltage: 125
Temperature Coefficient: -150 ±150 ppm/°C
Figure 1
A.31 DIA
.020
.125 DIA
.031
.22
B
.31
.015
.22
#64 (.036 DIA)
4 HOLES
Figure 2
A
.12 MAX
.16 DIA
.31 DIA
#20
AWG
B
.020
.125 DIA
1” MIN
.234
#64 (.036 DIA)
4 HOLES
Figure 3
.31 DIA
.040
.067
.020
A
.125
.020
.070
.28
.050 DIA
.030
.125 DIA
Figure 4
A
.28
.020
.025
.31 DIA
.067
.020
.11
.065
.26
.34 DIA
.125 DIA
Figure 5
.020
.125 DIA
.25
A
.31 DIA
#10-32 TH’D
.195
.191
.175
.171
a Knowles Precision Devices brand
TM
Type
Capacitance
Range (pF)
Q (Min.)
at 1 MHz Fig. A ± .06 B ± .03
From
Below To Above
Horizontal Printed Circuit
HSP19
2
19
1000
1
0.37
0.3
HSP34
2
34
900
0.44
0.37
HSP46
2
46
800
0.52
0.45
HSP64
2
64
700
0.63
0.56
HTP96C
2
96
600
2
0.91
0.88
HTP130C
2
130
500
1.16
1.13
HTP210C
2
210
350
1.75
1.73
HTP250C
2
250
250
1.98
1.95
Vertical Printed Circuit
A ± .03
HSF19
2
19
1000
3
0.34
HSF34
2
34
900
0.41
HSF46
2
46
800
0.49
HSF64
2
64
700
0.6
Surface Mount
HSM19
2
19
1000
4
0.34
HSM34
2
34
900
0.41
HSM46
2
46
800
0.49
HSM64
2
64
700
0.6
Panel Mount
HTM19C
2
19
1000
5
0.37
HTM34C
2
34
900
0.45
HTM46C
2
46
800
0.52
HTM64C
2
64
700
0.63
HTM96C
2
96
600
0.92
HTM130C
2
130
500
1.17
HTM210C
2
210
350
1.77
HTM250C
2
250
250
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com