Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AF4HV Datasheet(PDF) 46 Page - Knowles Electronics

No. de pieza AF4HV
Descripción Electrónicos  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KNOWLES [Knowles Electronics]
Página de inicio  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AF4HV Datasheet(HTML) 46 Page - Knowles Electronics

Back Button AF4HV Datasheet HTML 42Page - Knowles Electronics AF4HV Datasheet HTML 43Page - Knowles Electronics AF4HV Datasheet HTML 44Page - Knowles Electronics AF4HV Datasheet HTML 45Page - Knowles Electronics AF4HV Datasheet HTML 46Page - Knowles Electronics AF4HV Datasheet HTML 47Page - Knowles Electronics AF4HV Datasheet HTML 48Page - Knowles Electronics AF4HV Datasheet HTML 49Page - Knowles Electronics AF4HV Datasheet HTML 50Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
www.knowlescapacitors.com
44
Microwave Tuning Elements
Description
Variable reactance for microwave circuits
Available with mounting bushing and/or individual tuning rotor
High resolution tuning
Exceeds MIL-PRF-14409 vibration requirements
Features
Self-locking torque mechanism, no lock nuts required
Gold and chromate finish
Available in metallic, dielectric and resistive versions
Applications
Combine applications
Interdigital applications
Impedance transformers
Impatt and Gunn oscillators
Microstrip and stripline circuits
Attenuators
Coaxial structures
Waveguide circuitry
Contact factory for “Microwave Product Application Guide”
brochure.
Johanson Microwave Tuning Elements with the self-locking,
constant torque drive mechanism, require no external locking
devices and permit “one hand” tuning with virtually no dynamic
tuning noise which could otherwise imperil associated solid state
devices under “power on” conditions. This self-locking feature and
high tuning resolutions assure unparalleled control over the most
critical of complex circuit tuning adjustments.
In many instances, the use of Johanson Tuning Elements has
halved technical tuning time.
Recommended Tuning Tools
Tuning
Element
Diameter
Johanson Part Number
Microwave
Type
.130
8777
Microwave
Type
.130
8764
JMC 8777
JMC 8764
Note: The use of a Johanson tuning tool is recommended, improper screw
driver size will cause internal thread damage.
Tap Part No.
Thread
(UNS-2)
Recommended
Tap Drill
7054
.086-56
#51 (.067)
7059
.156-64
9/64 (.1406)
7060
.120-80
#36 (.1065)
7061
.190-64
#17 (.173)
7062
.234-64
7/32 (.2187)
7063
.250-64
15/64 (.2344)
7064
.094-80
#45 (.082)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com