Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AF4HV Datasheet(PDF) 42 Page - Knowles Electronics

No. de pieza AF4HV
Descripción Electrónicos  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KNOWLES [Knowles Electronics]
Página de inicio  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AF4HV Datasheet(HTML) 42 Page - Knowles Electronics

Back Button AF4HV Datasheet HTML 38Page - Knowles Electronics AF4HV Datasheet HTML 39Page - Knowles Electronics AF4HV Datasheet HTML 40Page - Knowles Electronics AF4HV Datasheet HTML 41Page - Knowles Electronics AF4HV Datasheet HTML 42Page - Knowles Electronics AF4HV Datasheet HTML 43Page - Knowles Electronics AF4HV Datasheet HTML 44Page - Knowles Electronics AF4HV Datasheet HTML 45Page - Knowles Electronics AF4HV Datasheet HTML 46Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
www.knowlescapacitors.com
40
A
.12
.16 DIA
1” MIN
.020 ± .005
.125 ± .005 DIA
ADJUSTMENT CAVITY
.31 DIA
C DIA
#2-72
TH’D
#24 AWG
#20 AWG
B
.281
.234
#64 (.036 DIA)
4 HOLES
A
.31 DIA
B
A
B
.234
#64 (.036 DIA)
4 HOLES
.31 DIA
Fig. 1
Fig. 2
A
.25 DIA
B
Fig. 3
Fig. 4
Notes:
1. All Fig. 2 thru Fig. 4 parts have same end view as Fig. 1.
Fig’s 2 and 3 have mounting dimensions of Fig. 1
2. C diameter of Fig. 1 parts .27 for embedded band and
.25 on all other parts.
Detailed General Specifications on Page 34.
.44
.045
.020
.155 DIA
Add “EI” to End of Type Number
(eg. TP9CEI)
.040
.60
.020 ± .005
.12 DIA
Add “E” to End of Type Number
(eg. TP9EI)
.020
.31 DIA
.69
.14
B
.036
.17
#64
(.036 DIA)
Add “L” to End of Type Number
(eg. TP28L)
.08 DIA
Optional configurations
EXTENDED METAL SHAFT
PRINTED CIRCUIT LUG
Horizontal Mount Trimmers - TP & QP Series
EXTENDED PLASTIC SHAFT
a Knowles Precision Devices brand
TM
a Knowles Precision Devices brand
TM
These ranges are horizontal mount versions of Voltronics glass and
quartz dielectric trimmers. Available sealed or unsealed in Annular
Band Glass, Embedded Band Glass and Quartz, the capacitance
values are significant, up to 180pF max with 178pF of tunable
range. All three dielectric options are also available in MIL Std
versions featuring PC42, PC43 and PC52 designations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com