Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 466 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 466 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 462Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 463Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 464Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 465Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 466Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 467Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 468Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 469Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 470Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 466 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
466
Freescale Semiconductor
The synchronization jump width (see the Bosch CAN specification for details) can be programmed in a
range of 1 to 4 time quanta by setting the SJW parameter.
The SYNC_SEG, TSEG1, TSEG2, and SJW parameters are set by programming the MSCAN bus timing
registers (CANBTR0, CANBTR1) (see Section 10.3.2.3, “MSCAN Bus Timing Register 0 (CANBTR0)”
and Section 10.3.2.4, “MSCAN Bus Timing Register 1 (CANBTR1)”).
Table 10-35 gives an overview of the CAN compliant segment settings and the related parameter values.
NOTE
It is the user’s responsibility to ensure the bit time settings are in compliance
with the CAN standard.
10.4.4
Modes of Operation
10.4.4.1
Normal Modes
The MSCAN module behaves as described within this specification in all normal system operation modes.
10.4.4.2
Special Modes
The MSCAN module behaves as described within this specification in all special system operation modes.
Table 10-34. Time Segment Syntax
Syntax
Description
SYNC_SEG
System expects transitions to occur on the CAN bus during this
period.
Transmit Point
A node in transmit mode transfers a new value to the CAN bus at
this point.
Sample Point
A node in receive mode samples the CAN bus at this point. If the
three samples per bit option is selected, then this point marks the
position of the third sample.
Table 10-35. CAN Standard Compliant Bit Time Segment Settings
Time Segment 1
TSEG1
Time Segment 2
TSEG2
Synchronization
Jump Width
SJW
5 .. 10
4 .. 9
2
1
1 .. 2
0 .. 1
4 .. 11
3 .. 10
3
2
1 .. 3
0 .. 2
5 .. 12
4 .. 11
4
3
1 .. 4
0 .. 3
6 .. 13
5 .. 12
5
4
1 .. 4
0 .. 3
7 .. 14
6 .. 13
6
5
1 .. 4
0 .. 3
8 .. 15
7 .. 14
7
6
1 .. 4
0 .. 3
9 .. 16
8 .. 15
8
7
1 .. 4
0 .. 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com