Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 468 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 468 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 464Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 465Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 466Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 467Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 468Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 469Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 470Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 471Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 472Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 468 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
468
Freescale Semiconductor
10.4.5.1
Operation in Run Mode
As shown in Table 10-36, only MSCAN sleep mode is available as low power option when the CPU is in
run mode.
10.4.5.2
Operation in Wait Mode
The WAI instruction puts the MCU in a low power consumption stand-by mode. If the CSWAI bit is set,
additional power can be saved in power down mode because the CPU clocks are stopped. After leaving
this power down mode, the MSCAN restarts its internal controllers and enters normal mode again.
While the CPU is in wait mode, the MSCAN can be operated in normal mode and generate interrupts
(registers can be accessed via background debug mode). The MSCAN can also operate in any of the
low-power modes depending on the values of the SLPRQ/SLPAK and CSWAI bits as seen in Table 10-36.
10.4.5.3
Operation in Stop Mode
The STOP instruction puts the MCU in a low power consumption stand-by mode. In stop mode, the
MSCAN is set in power down mode regardless of the value of the SLPRQ/SLPAK and CSWAI bits
(Table 10-36).
10.4.5.4
MSCAN Sleep Mode
The CPU can request the MSCAN to enter this low power mode by asserting the SLPRQ bit in the
CANCTL0 register. The time when the MSCAN enters sleep mode depends on a fixed synchronization
delay and its current activity:
Table 10-36. CPU vs. MSCAN Operating Modes
CPU Mode
MSCAN Mode
Normal
Reduced Power Consumption
Sleep
Power Down
Disabled
(CANE=0)
RUN
CSWAI = X1
SLPRQ = 0
SLPAK = 0
1 ‘X’ means don’t care.
CSWAI = X
SLPRQ = 1
SLPAK = 1
CSWAI = X
SLPRQ = X
SLPAK = X
WAIT
CSWAI = 0
SLPRQ = 0
SLPAK = 0
CSWAI = 0
SLPRQ = 1
SLPAK = 1
CSWAI = 1
SLPRQ = X
SLPAK = X
CSWAI = X
SLPRQ = X
SLPAK = X
STOP
CSWAI = X
SLPRQ = X
SLPAK = X
CSWAI = X
SLPRQ = X
SLPAK = X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com