| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
P912XDP512F0MPVR Datasheet(PDF) 469 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
P912XDP512F0MPVR Datasheet(HTML) 469 Page - Freescale Semiconductor, Inc |
|
469 / 1350 page ![]() Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3) MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 469 • If there are one or more message buffers scheduled for transmission (TXEx = 0), the MSCAN will continue to transmit until all transmit message buffers are empty (TXEx = 1, transmitted successfully or aborted) and then goes into sleep mode. • If the MSCAN is receiving, it continues to receive and goes into sleep mode as soon as the CAN bus next becomes idle. • If the MSCAN is neither transmitting nor receiving, it immediately goes into sleep mode. Figure 10-45. Sleep Request / Acknowledge Cycle NOTE The application software must avoid setting up a transmission (by clearing one or more TXEx flag(s)) and immediately request sleep mode (by setting SLPRQ). Whether the MSCAN starts transmitting or goes into sleep mode directly depends on the exact sequence of operations. If sleep mode is active, the SLPRQ and SLPAK bits are set (Figure 10-45). The application software must use SLPAK as a handshake indication for the request (SLPRQ) to go into sleep mode. When in sleep mode (SLPRQ = 1 and SLPAK = 1), the MSCAN stops its internal clocks. However, clocks that allow register accesses from the CPU side continue to run. If the MSCAN is in bus-off state, it stops counting the 128 occurrences of 11 consecutive recessive bits due to the stopped clocks. The TXCAN pin remains in a recessive state. If RXF = 1, the message can be read and RXF can be cleared. Shifting a new message into the foreground buffer of the receiver FIFO (RxFG) does not take place while in sleep mode. It is possible to access the transmit buffers and to clear the associated TXE flags. No message abort takes place while in sleep mode. If the WUPE bit in CANCTL0 is not asserted, the MSCAN will mask any activity it detects on CAN. The RXCAN pin is therefore held internally in a recessive state. This locks the MSCAN in sleep mode (Figure 10-46). WUPE must be set before entering sleep mode to take effect. The MSCAN is able to leave sleep mode (wake up) only when: • CAN bus activity occurs and WUPE = 1 SYNC SYNC Bus Clock Domain CAN Clock Domain MSCAN in Sleep Mode CPU Sleep Request SLPRQ Flag SLPAK Flag SLPRQ sync. SLPAK sync. SLPRQ SLPAK |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |