Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VG Datasheet(PDF) 114 Page - STMicroelectronics

No. de pieza STM32L4R5VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 110Page - STMicroelectronics STM32L4R5VG Datasheet HTML 111Page - STMicroelectronics STM32L4R5VG Datasheet HTML 112Page - STMicroelectronics STM32L4R5VG Datasheet HTML 113Page - STMicroelectronics STM32L4R5VG Datasheet HTML 114Page - STMicroelectronics STM32L4R5VG Datasheet HTML 115Page - STMicroelectronics STM32L4R5VG Datasheet HTML 116Page - STMicroelectronics STM32L4R5VG Datasheet HTML 117Page - STMicroelectronics STM32L4R5VG Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 306 page
background image
96
B3
B3
139 140 B10
D4
D4
98
140
A3
B10 B10
D4
PB9
I/O
FT_fl
-
IR_OUT, TIM4_CH4,
SAI1_D2, I2C1_SDA,
SPI2_NSS,
DFSDM1_CKIN6,
SDMMC1_CDIR,
CAN1_TX, DCMI_D7,
SDMMC1_D5,
SAI1_FS_A,
TIM17_CH1,
EVENTOUT
-
97
C3
C3
140 141 A10
A4
A4
-
141
A2
A10 A10
A4
PE0
I/O
FT
-
TIM4_ETR, DCMI_D2,
LCD_HSYNC,
FMC_NBL0,
TIM16_CH1,
EVENTOUT
-
98
A2
A2
141 142 A11
B4
B4
-
142
C4
D8
A11
B4
PE1
I/O
FT
-
DCMI_D3,
LCD_VSYNC,
FMC_NBL1,
TIM17_CH1,
EVENTOUT
-
-
C6
-
142
--
C6
----
A11
-
-
VDD12
-
-
-
-
-
99
D3
D3
143 143 A12
B3
B3
99
143
A1
A12 A12
B3
VSS
S
-
-
-
-
100
C4
C4
144 144 B12
A3
A3
100 144
B2
B12 B12
A3
VDD
S
-
-
-
-
Table 15. STM32L4Rxxx pin definitions (continued)
Pin number
STM32L4R5xxx, STM32L4R7xxx
STM32L4R9xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More