Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VG Datasheet(PDF) 135 Page - STMicroelectronics

No. de pieza STM32L4R5VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 131Page - STMicroelectronics STM32L4R5VG Datasheet HTML 132Page - STMicroelectronics STM32L4R5VG Datasheet HTML 133Page - STMicroelectronics STM32L4R5VG Datasheet HTML 134Page - STMicroelectronics STM32L4R5VG Datasheet HTML 135Page - STMicroelectronics STM32L4R5VG Datasheet HTML 136Page - STMicroelectronics STM32L4R5VG Datasheet HTML 137Page - STMicroelectronics STM32L4R5VG Datasheet HTML 138Page - STMicroelectronics STM32L4R5VG Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 306 page
background image
DocID030321 Rev 3
135/306
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
Memory mapping
138
Table 18. STM32L4R5xx, STM32L4R7xx and STM32L4R9xx memory map and
peripheral register boundary addresses(1)
Bus
Boundary address
Size
(bytes)
Peripheral
-
0xA000 1800 - 0xDFFF FFFF
1 KB
Reserved
0xA000 1400 - 0xA000 17FF
1 KB
OCTOSPI2 registers
0xA000 1000 - 0xA000 13FF
1 KB
OCTOSPI1 registers
0xA000 0400 - 0xA000 0FFF
1 KB
Reserved
0xA000 0000 - 0xA000 03FF
1 KB
FSMC registers
AHB2
0x5006 2000 - 0x5FFF FFFF
~260 MB
Reserved
0x5006 2400 - 0x5006 27FF
1 KB
SDMMC1
0x5006 2000 - 0x5006 23FF
1 KB
Reserved
0x5006 1C00 - 0x5006 1FFF
1 KB
OCTOSPIIOM
0x5006 0C00 - 0x5006 1BFF
4 KB
Reserved
0x5006 0800 - 0x5006 0BFF
1 KB
RNG
0x5005 0800 - 0x5006 07FF
61 KB
Reserved
0x5005 0400 - 0x5005 07FF
1 KB
Reserved
0x5005 0000 - 0x5005 03FF
1 KB
DCMI
0x5004 0400 - 0x5004 FFFF
62 KB
Reserved
0x5004 0000 - 0x5004 03FF
1 KB
ADC
0x5000 0000 - 0x5003 FFFF
16 KB
OTG_FS
0x4800 2400 - 0x4FFF FFFF
~127 MB
Reserved
0x4800 2000 - 0x4800 23FF
1 KB
GPIOI
0x4800 1C00 - 0x4800 1FFF
1 KB
GPIOH
0x4800 1800 - 0x4800 1BFF
1 KB
GPIOG
0x4800 1400 - 0x4800 17FF
1 KB
GPIOF
0x4800 1000 - 0x4800 13FF
1 KB
GPIOE
0x4800 0C00 - 0x4800 0FFF
1 KB
GPIOD
0x4800 0800 - 0x4800 0BFF
1 KB
GPIOC
0x4800 0400 - 0x4800 07FF
1 KB
GPIOB
0x4800 0000 - 0x4800 03FF
1 KB
GPIOA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More