| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L4R5VG Datasheet(PDF) 136 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4R5VG Datasheet(HTML) 136 Page - STMicroelectronics |
|
136 / 306 page ![]() Memory mapping STM32L4R5xx, STM32L4R7xx and STM32L4R9xx 136/306 DocID030321 Rev 3 AHB1 0x4002 F000 - 0x47FF FFFF ~127 MB Reserved 0x4002 C000 - 0x4002 EFFF 1KB GFXMMU 0x4002 BC00 - 0x4002 BBFF 1 KB Reserved 0x4002 B000 - 0x4002 BBFF 3 KB DMA2D 0x4002 4400 - 0x4002 AFFF 26 KB Reserved 0x4002 4000 - 0x4002 43FF 1 KB TSC 0x4002 3400 - 0x4002 3FFF 1 KB Reserved 0x4002 3000 - 0x4002 33FF 1 KB CRC 0x4002 2400 - 0x4002 2FFF 3 KB Reserved 0x4002 2000 - 0x4002 23FF 1 KB FLASH registers 0x4002 1400 - 0x4002 1FFF 3 KB Reserved 0x4002 1000 - 0x4002 13FF 1 KB RCC 0x4002 0800 - 0x4002 0FFF 2 KB Reserved 0x4002 0400 - 0x4002 07FF 1 KB DMA2 0x4002 0800 - 0x4002 0BFF 1 KB DMAMUX1 0x4002 0000 - 0x4002 03FF 1 KB DMA1 APB2 0x4001 7400 - 0x4001 FFFF 33 KB Reserved 0x4001 6C00 - 0x4001 73FF 1 KB DSIHOST 0x4001 6800 - 0x4001 6BFF 1 KB LCD-TFT 0x4001 6000 - 0x4001 67FF 2 KB DFSDM1 0x4001 5C00 - 0x4001 5FFF 1 KB Reserved 0x4001 5800 - 0x4001 5BFF 1 KB SAI2 0x4001 5400 - 0x4001 57FF 1 KB SAI1 0x4001 4C00 - 0x4001 53FF 2 KB Reserved 0x4001 4800 - 0x4001 4BFF 1 KB TIM17 0x4001 4400 - 0x4001 47FF 1 KB TIM16 0x4001 4000 - 0x4001 43FF 1 KB TIM15 0x4001 3C00 - 0x4001 3FFF 1 KB Reserved 0x4001 3800 - 0x4001 3BFF 1 KB USART1 0x4001 3400 - 0x4001 37FF 1 KB TIM8 0x4001 3000 - 0x4001 33FF 1 KB SPI1 0x4001 2C00 - 0x4001 2FFF 1 KB TIM1 0x4001 2000 - 0x4001 2BFF 3 KB Reserved Table 18. STM32L4R5xx, STM32L4R7xx and STM32L4R9xx memory map and peripheral register boundary addresses(1) (continued) Bus Boundary address Size (bytes) Peripheral |