Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADC32RF45IRMP Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza ADC32RF45IRMP
Descripción Electrónicos  ADC32RF45 Dual-Channel, 14-Bit, 3.0-GSPS, Analog-to-Digital Converter
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF45IRMP Datasheet(HTML) 3 Page - Texas Instruments

  ADC32RF45IRMP Datasheet HTML 1Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 2Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 3Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 4Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 5Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 6Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 7Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 8Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 131 page
background image
1
DB3M
54
DA3M
2
DB3P
53
DA3P
3
GND
52
GND
4
DVDD
51
DVDD
5
SDIN
50
PDN
6
SCLK
49
GND
7
SEN
48
RESET
8
DVDD
47
DVDD
9
AVDD
46
AVDD
10
AVDD19
45
AVDD19
11
SDOUT
44
AVDD
12
AVDD
43
AVDD
13
INBP
42
INAP
14
INBM
41
INAM
15
AVDD
40
AVDD
16
AVDD19
39
AVDD19
17
AVDD
38
AVDD
18
GND
37
GND
Not to scale
Thermal
Pad
3
ADC32RF45
www.ti.com
SBAS747C – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF45
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
RMP Package
72-Pin VQFN
Top View
Pin Functions
NAME
NO.
I/O
DESCRIPTION
INPUT, REFERENCE
INAM
41
I
Differential analog input for channel A
INAP
42
INBM
14
I
Differential analog input for channel B
INBP
13
CM
22
O
Common-mode voltage for analog inputs, 1.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com