Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADC32RF45IRMP Datasheet(PDF) 97 Page - Texas Instruments

No. de pieza ADC32RF45IRMP
Descripción Electrónicos  ADC32RF45 Dual-Channel, 14-Bit, 3.0-GSPS, Analog-to-Digital Converter
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF45IRMP Datasheet(HTML) 97 Page - Texas Instruments

Back Button ADC32RF45IRMP Datasheet HTML 93Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 94Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 95Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 96Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 97Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 98Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 99Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 100Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 131 page
background image
97
ADC32RF45
www.ti.com
SBAS747C – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF45
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.5.12.13 Register 00Eh (address = 00Eh), Decimation Filter Page
Figure 178. Register 00Eh
7
6
5
4
3
2
1
0
DDC1 NCO4 MSB
R/W-0h
LEGEND: R/W = Read/Write; -n = value after reset
Table 84. Register 00Eh Field Descriptions
Bit
Field
Type
Reset
Description
7-0
DDC1 NCO4 MSB
R/W
0h
These bits are the MSB of the NCO frequency word for NCO4 of
DDC1 (band 2, only when dual-band mode is enabled).
The LSB represents fS / (2
16), where f
S is the ADC sampling
frequency.
8.5.12.14 Register 00Fh (address = 00Fh), Decimation Filter Page
Figure 179. Register 00Fh
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
NCO SEL PIN
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 85. Register 00Fh Field Descriptions
Bit
Field
Type
Reset
Description
7-1
0
W
0h
Must write 0
0
NCO SEL PIN
R/W
0h
This bit enables NCO selection through the GPIO pins.
0 = NCO selection through SPI (see address 0h10)
1 = NCO selection through GPIO pins
8.5.12.15 Register 010h (address = 010h), Decimation Filter Page
Figure 180. Register 010h
7
6
5
4
3
2
1
0
0
0
0
0
0
0
NCO SEL
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 86. Register 010h Field Descriptions
Bit
Field
Type
Reset
Description
7-2
0
W
0h
Must write 0
1-0
NCO SEL
R/W
0h
These bits enable NCO selection through register setting.
00 = NCO1 selected for DDC 1
01 = NCO2 selected for DDC 1
10 = NCO3 selected for DDC 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com